công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F54 bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện 16F54
Giải thích chi tiết về linh kiện  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F54 bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button 16F54 Datasheet HTML 15Page - Microchip Technology 16F54 Datasheet HTML 16Page - Microchip Technology 16F54 Datasheet HTML 17Page - Microchip Technology 16F54 Datasheet HTML 18Page - Microchip Technology 16F54 Datasheet HTML 19Page - Microchip Technology 16F54 Datasheet HTML 20Page - Microchip Technology 16F54 Datasheet HTML 21Page - Microchip Technology 16F54 Datasheet HTML 22Page - Microchip Technology 16F54 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
 2004 Microchip Technology Inc.
DS41213C-page 17
PIC16F5X
3.3
Status Register
This register contains the arithmetic status of the ALU,
the Reset status and the page preselect bits for
program memories larger than 512 words.
The Status register can be the destination for any
instruction, as with any other register. If the Status
register is the destination for an instruction that affects
the Z, DC or C bits, then the write to these three bits is
disabled. These bits are set or cleared according to the
device logic. Furthermore, the TO and PD bits are not
writable. Therefore, the result of an instruction with the
Status register as destination may be different than
intended.
For example, CLRF STATUS will clear the upper three
bits and set the Z bit. This leaves the Status register as
000u u1uu
(where u = unchanged).
Therefore, it is recommended that only BCF, BSF,
MOVWF
and SWAPF instructions be used to alter the
Status register because these instructions do not affect
the Z, DC or C bits from the Status register. For other
instructions
which
do
affect
Status
bits,
see
Section 9.0 “Instruction Set Summary”.
REGISTER 3-1:
STATUS REGISTER (ADDRESS: 03h)
R/W-0
R/W-0
R/W-0
R-1
R-1
R/W-x
R/W-x
R/W-x
PA2
PA1
PA0
TO
PD
ZDC
C
bit 7
bit 0
bit 7
PA2: Reserved, do not use
Use of the PA2 bit as a general purpose read/write bit is not recommended, since this may affect upward
compatibility with future products.
bit 6-5
PA<1:0>: Program Page Preselect bits (PIC16F57/PIC16F59)
00
= Page 0 (000h-1FFh)
01
= Page 1 (200h-3FFh)
10
= Page 2 (400h-5FFh)
11
= Page 3 (600h-7FFh)
Each page is 512 words. Using the PA<1:0> bits as general purpose read/write bits in devices which do
not use them for program page preselect is not recommended. This may affect upward compatibility with
future products.
bit 4
TO: Time-Out bit
1
= After power-up, CLRWDT instruction or SLEEP instruction
0
= A WDT time-out occurred
bit 3
PD: Power-Down bit
1
= After power-up or by the CLRWDT instruction
0
= By execution of the SLEEP instruction
bit 2
Z: Zero bit
1
= The result of an arithmetic or logic operation is zero
0
= The result of an arithmetic or logic operation is not zero
bit 1
DC: Digit Carry/Borrow bit (for ADDWF and SUBWF instructions)
ADDWF
1
= A carry to the 4th low order bit of the result occurred
0
= A carry from the 4th low order bit of the result did not occur
SUBWF
1
= A borrow to the 4th low order bit of the result did not occur
0
= A borrow from the 4th low order bit of the result occurred
bit 0
C: Carry/Borrow bit (for ADDWF, SUBWF and RRF, RLF instructions)
ADDWF
SUBWF
RRF or RLF
1
= A carry occurred
1
= A borrow did not occur
Loaded with LSb or MSb, respectively
0
= A carry did not occur
0
= A borrow occurred
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com