công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F54 bảng dữ liệu(PDF) 52 Page - Microchip Technology

tên linh kiện 16F54
Giải thích chi tiết về linh kiện  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F54 bảng dữ liệu(HTML) 52 Page - Microchip Technology

Back Button 16F54 Datasheet HTML 48Page - Microchip Technology 16F54 Datasheet HTML 49Page - Microchip Technology 16F54 Datasheet HTML 50Page - Microchip Technology 16F54 Datasheet HTML 51Page - Microchip Technology 16F54 Datasheet HTML 52Page - Microchip Technology 16F54 Datasheet HTML 53Page - Microchip Technology 16F54 Datasheet HTML 54Page - Microchip Technology 16F54 Datasheet HTML 55Page - Microchip Technology 16F54 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
PIC16F5X
DS41213C-page 50
 2004 Microchip Technology Inc.
RLF
Rotate Left f through Carry
Syntax:
[ label ] RLF
f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
0011
01df
ffff
Description:
The contents of register ‘f’ are
rotated one bit to the left through
the Carry Flag (Status<0>). If ‘d’ is
‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
Words:
1
Cycles:
1
Example:
RLF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
1100 1100
C=
1
C
register 'f'
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Encoding:
0011
00df
ffff
Description:
The contents of register ‘f’ are
rotated one bit to the right through
the Carry Flag (Status<0>). If ‘d’ is
‘0’, the result is placed in the W
register. If ‘d’ is ‘1’, the result is
placed back in register ‘f’.
Words:
1
Cycles:
1
Example:
RRF
REG1,0
Before Instruction
REG1
=
1110 0110
C=
0
After Instruction
REG1
=
1110 0110
W=
0111 0011
C=
0
Sleep
Go into Standby Mode
Syntax:
[ label ] Sleep
Operands:
None
Operation:
00h
→ WDT;
0
→ WDT prescaler; if assigned
1
→ TO;
0
→ PD
Status Affected:
TO, PD
Encoding:
0000
0000
0011
Description:
Time-out Status bit (TO) is set. The
power-down Status bit (PD) is
cleared. The WDT and its
prescaler are cleared.
The processor is put into Sleep
mode with the oscillator stopped.
See section on Sleep for more
details.
Words:
1
Cycles:
1
Example:
SLEEP
C
register 'f'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com