công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F54 bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện 16F54
Giải thích chi tiết về linh kiện  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F54 bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button 16F54 Datasheet HTML 34Page - Microchip Technology 16F54 Datasheet HTML 35Page - Microchip Technology 16F54 Datasheet HTML 36Page - Microchip Technology 16F54 Datasheet HTML 37Page - Microchip Technology 16F54 Datasheet HTML 38Page - Microchip Technology 16F54 Datasheet HTML 39Page - Microchip Technology 16F54 Datasheet HTML 40Page - Microchip Technology 16F54 Datasheet HTML 41Page - Microchip Technology 16F54 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
PIC16F5X
DS41213C-page 36
 2004 Microchip Technology Inc.
7.2.1
SWITCHING PRESCALER
ASSIGNMENT
The prescaler assignment is fully under software control
(i.e., it can be changed “on-the-fly” during program
execution). To avoid an unintended device Reset, the
following instruction sequence (Example 7-1) must be
executed when changing the prescaler assignment
from Timer0 to the WDT.
EXAMPLE 7-1:
CHANGING PRESCALER
(TIMER0
→WDT)
To change prescaler from the WDT to the Timer0
module, use the sequence shown in Example 7-2. This
sequence must be used even if the WDT is disabled. A
CLRWDT
instruction
should
be
executed
before
switching the prescaler.
EXAMPLE 7-2:
CHANGING PRESCALER
(WDT
→TIMER0)
FIGURE 7-5:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
CLRWDT
;Clear WDT
CLRF
TMR0
;Clear TMR0 &
;Prescaler
MOVLW
B'00xx1111’
;Last 3 instructions
;in this example
OPTION
;are required only if
;desired
CLRWDT
;PS<2:0> are 000 or 001
MOVLW
B'00xx1xxx’
;Set Prescaler to
OPTION
;desired WDT rate
CLRWDT
;Clear WDT and
;prescaler
MOVLW
B'xxxx0xxx'
;Select TMR0, new
;prescale value and
;clock source
OPTION
T0CKI
T0SE(1)
pin
TCY ( = FOSC/4)
Sync
2
Cycles
TMR0 reg
8-bit Prescaler
8 - to - 1MUX
M
MUX
Watchdog
Timer
PSA(1)
0
1
0
1
WDT
Time-Out
PS<2:0>(1)
8
PSA(1)
WDT Enable bit
0
1
0
1
Data Bus
8
PSA(1)
T0CS(1)
M
U
X
M
U
X
U
X
Note
1:
T0CS, T0SE, PSA PS<2:0> are bits in the Option register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com