công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A25QFO080QL bảng dữ liệu(PDF) 34 Page - AMIC Technology

tên linh kiện A25QFO080QL
Giải thích chi tiết về linh kiện  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMICC [AMIC Technology]
Trang chủ  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL bảng dữ liệu(HTML) 34 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 30Page - AMIC Technology A25QFO080QL Datasheet HTML 31Page - AMIC Technology A25QFO080QL Datasheet HTML 32Page - AMIC Technology A25QFO080QL Datasheet HTML 33Page - AMIC Technology A25QFO080QL Datasheet HTML 34Page - AMIC Technology A25QFO080QL Datasheet HTML 35Page - AMIC Technology A25QFO080QL Datasheet HTML 36Page - AMIC Technology A25QFO080QL Datasheet HTML 37Page - AMIC Technology A25QFO080QL Datasheet HTML 38Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
33
AMIC Technology Corp.
Read Device Identification (RDID)
The Read Identification (RDID) instruction allows the 8-bit
manufacturer identification code to be read, followed by two
bytes of device identification. The manufacturer identification
is assigned by JEDEC, and has the value 37h. The device
identification is assigned by the device manufacturer, and
indicates the memory in the first byte (40h), and the memory
capacity of the device in the second byte (14h for
A25LQ080).
Any Read Identification (RDID) instruction while an Erase, or
Program cycle is in progress, is not decoded, and has no
effect on the cycle that is in progress.
The device is first selected by driving Chip Select ( S ) Low.
Then, the 8-bit instruction code for the instruction is shifted in.
This is followed by the 24-bit device identification, stored in
the memory, being shifted out on Serial Data Output (DO),
each bit being shifted out during the falling edge of Serial
Clock (C).
The instruction sequence is shown in Figure 23. The Read
Identification (RDID) instruction is terminated by driving Chip
Select ( S ) High at any time during data output.
When Chip Select ( S ) is driven High, the device is put in the
Stand-by Power mode. Once in the Stand-by Power mode,
the device waits to be selected, so that it can receive, decode
and execute instructions.
Table 6. Read Identification (READ_ID) Data-Out Sequence
Manufacture Identification
Device Identification
Manufacture ID
Memory Type
Memory Capacity
37h
40h
14h (A25LQ080)
Figure 23. Read Identification (RDID) Instruction Sequence and Data-Out Sequence
S
C
IO0
IO1
Instruction (9Fh)
High Impedance
810
9
01
2
3
4
5 6
7
21
30
22 23 24 25 26
29
31
Manufacture ID
Memory Type
76
5
21
0
15 14 13
10
9
8
23 22 21
18 17 16
13
15
14
16 17 18
Memory Capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com