công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A25QFO080QL bảng dữ liệu(PDF) 20 Page - AMIC Technology

tên linh kiện A25QFO080QL
Giải thích chi tiết về linh kiện  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMICC [AMIC Technology]
Trang chủ  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL bảng dữ liệu(HTML) 20 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 16Page - AMIC Technology A25QFO080QL Datasheet HTML 17Page - AMIC Technology A25QFO080QL Datasheet HTML 18Page - AMIC Technology A25QFO080QL Datasheet HTML 19Page - AMIC Technology A25QFO080QL Datasheet HTML 20Page - AMIC Technology A25QFO080QL Datasheet HTML 21Page - AMIC Technology A25QFO080QL Datasheet HTML 22Page - AMIC Technology A25QFO080QL Datasheet HTML 23Page - AMIC Technology A25QFO080QL Datasheet HTML 24Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
19
AMIC Technology Corp.
Read Data Bytes at Higher Speed by Dual Output (FAST_READ_DUAL_OUTPUT)
The FAST_READ_DUAL_OUTPUT (3Bh) instruction is
similar to the FAST_READ (0Bh) instruction except the data
is output on two pins, IO0 and IO1, instead of just DO. This
allows data to be transferred from the A25LQ080 at twice the
rate of standard SPI devices.
Similar
to
the
FAST_READ
instruction,
the
FAST_READ_DUAL_OUTPUT instruction can operate at the
highest possible frequency of fC (See AC Characteristics).
This is accomplished by adding eight “dummy” clocks after
the 24-bit address as shown in figure 9. The dummy clocks
allow the device’s internal circuits additional time for setting
up the initial address. The input data during the dummy
clocks is “don’t care”. However, the IO0 and IO1 pins should
be high-impedance prior to the falling edge of the first data
out clock.
Figure 9. FAST_READ_DUAL_OUTPUT Instruction Sequence and Data-Out Sequence
Instruction (3Bh)
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
7
0
S
C
IO0
S
C
32 33 34 35 36 37 38 39
65 4
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
MSB
1
MSB
7 5 31 75 3
MSB
7 5 31 75 3 1
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
Data Out 1
Data Out 2
Data Out 3
Data Out 4
DIO switches from input to output
IO1
IO0
IO1
Note: Address bits A23 to A20 are Don’t Care, for A25LQ080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com