| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS570LS1114 bảng dữ liệu(PDF) 59 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS1114 bảng dữ liệu(HTML) 59 Page - Texas Instruments |
|
59 / 169 page ![]() TMS570LS1114 www.ti.com SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015 6.6.1.1.1 Timing Requirements for Main Oscillator Table 6-9. Timing Requirements for Main Oscillator Parameter MIN Type MAX Unit tc(OSC) Cycle time, OSCIN (when using a sine-wave input) 50 200 ns tc(OSC_SQR) Cycle time, OSCIN, (when input to the OSCIN is a 50 200 ns square wave ) tw(OSCIL) Pulse duration, OSCIN low (when input to the OSCIN 15 ns is a square wave) tw(OSCIH) Pulse duration, OSCIN high (when input to the OSCIN 15 ns is a square wave) Copyright © 2012–2015, Texas Instruments Incorporated System Information and Electrical Specifications 59 Submit Documentation Feedback Product Folder Links: TMS570LS1114 |