công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F008ASB bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện TMS28F008ASB
Giải thích chi tiết về linh kiện  AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F008ASB bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TMS28F008ASB Datasheet HTML 15Page - Texas Instruments TMS28F008ASB Datasheet HTML 16Page - Texas Instruments TMS28F008ASB Datasheet HTML 17Page - Texas Instruments TMS28F008ASB Datasheet HTML 18Page - Texas Instruments TMS28F008ASB Datasheet HTML 19Page - Texas Instruments TMS28F008ASB Datasheet HTML 20Page - Texas Instruments TMS28F008ASB Datasheet HTML 21Page - Texas Instruments TMS28F008ASB Datasheet HTML 22Page - Texas Instruments TMS28F008ASB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1048576 BY 8BIT/524288 BY 16BIT
AUTOSELECT BOOT BLOCK FLASH MEMORIES
SMJS851A − NOVEMBER 1997 − REVISED MARCH 1998
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
programming operations
There are two CSM commands for programming: program setup and alternate program setup
(see Table 1). After the desired command code is entered, the WSM takes over and correctly sequences the
device to complete the program operation. During this time, the CSM responds only to status reads until the
program operation has been completed, after which all commands to the CSM become valid again. Once a
program command has been issued, the WSM normally cannot be interrupted until the program algorithm is
completed (see Figure 3 and Figure 4).
Taking RP to VIL during programming aborts the program operation. During programming, VPP must remain in
the appropriate VPP voltage range as shown in the recommended operating conditions table. Different
combinations of RP, WP, and VPP pin voltage levels ensure that data in certain blocks are secured, and,
therefore, cannot be programmed (see Table 2 for a list of combinations). Only 0s are written and compared
during a program operation. If 1s are programmed, the memory cell contents do not change and no error occurs.
A program-setup command can be aborted by writing FFh (in byte-wide mode) or FFFFh (in word-wide mode)
during the second cycle. After writing all 1s during the second cycle, the CSM responds only to status reads.
When the WSM status bit (SB7) is set to a logic-high level, signifying the nonprogram operation is terminated,
all commands to the CSM become valid again.
erase operations
There are two erase operations that can be performed by the TMS28F008Axy and TMS28F800Axy devices:
block erase and erase suspend/erase resume. An erase operation must be used to initialize all bits in an array
block to 1s. After block-erase confirm is issued, the CSM responds only to status reads or erase-suspend
commands until the WSM completes its task.
D block erasure
Block erasure inside the memory array sets all bits within the addressed block to logic 1s. Erasure is
accomplished only by blocks; data at single address locations within the array cannot be erased individually.
The block to be erased is selected by using any valid address within that block. Note that different
combinations of RP, WP and VPP pin voltage levels ensure that data in certain blocks are secure and,
therefore, cannot be erased (see Table 2 for a list of combinations). Block erasure is initiated by a command
sequence to the CSM: block-erase setup (20h) followed by block-erase confirm (D0h) (see Figure 5). A
two-command erase sequence protects against accidental erasure of memory contents.
Erase-setup and erase-confirm commands are latched on the rising edge of CE or WE, whichever occurs
first. Block addresses are latched during the block-erase-confirm command on the rising edge of CE or WE
(see Figure 15 and Figure 16). When the block-erase-confirm command is complete, the WSM
automatically executes a sequence of events to complete the block erasure. During this sequence, the block
is programmed with logic 0s, data is verified, all bits in the block are erased, and finally, verification is
performed to ensure that all bits are erased correctly. Monitoring of the erase operation is possible through
the status register (see “read status register” in the subsection “read operations”).
D erase suspend/erase resume
During the execution of an erase operation, the erase-suspend command (B0h) can be entered to direct the
WSM to suspend the erase operation. Once the WSM has reached the suspend state, it allows the CSM to
respond only to the read-array, read-status-register, and erase-resume commands. During the
erase-suspend operation, array data should be read from a block other than the one being erased. To
resume the erase operation, an erase-resume command (D0h) must be issued to cause the CSM to clear
the suspend state previously set (see Figure 5 and Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com