công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZFEQ bảng dữ liệu(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343ZFEQ
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZFEQ bảng dữ liệu(HTML) 45 Page - Texas Instruments

Back Button TMS320C28343ZFEQ Datasheet HTML 41Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 42Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 43Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 44Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 45Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 46Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 47Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 48Page - Texas Instruments TMS320C28343ZFEQ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 170 page
background image
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516D – MARCH 2009 – REVISED AUGUST 2012
3.2.19 Control Peripherals
The C2834x devices support the following peripherals which are used for embedded control and
communication:
ePWM:
The enhanced PWM peripheral supports independent and complementary PWM
generation, adjustable dead-band generation for leading and trailing edges, latched
and cycle-by-cycle trip mechanism. Some of the PWM pins support HRPWM
features.
eCAP:
The enhanced capture peripheral uses a 32-bit time base and registers up to four
programmable events in continuous/one-shot capture modes.
This peripheral can also be configured to generate an auxiliary PWM signal.
eQEP:
The enhanced QEP peripheral uses a 32-bit position counter, supports low-speed
measurement using capture unit and high-speed measurement using a 32-bit unit
timer.
This peripheral has a watchdog timer to detect motor stall and input error detection
logic to identify simultaneous edge transition in QEP signals.
3.2.20 Serial Port Peripherals
The devices support the following serial communication peripherals:
eCAN:
This is the enhanced version of the CAN peripheral. It supports 32 mailboxes, time
stamping of messages, and is CAN 2.0B-compliant.
McBSP:
The multichannel buffered serial port (McBSP) connects to E1/T1 lines, phone-
quality codecs for modem applications or high-quality stereo audio DAC devices.
The McBSP receive and transmit registers are supported by the DMA to significantly
reduce the overhead for servicing this peripheral. Each McBSP module can be
configured as an SPI as required.
SPI:
The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream of
programmed length (one to sixteen bits) to be shifted into and out of the device at a
programmable bit-transfer rate. Normally, the SPI is used for communications
between the MCU and external peripherals or another processor. Typical
applications include external I/O or peripheral expansion through devices such as
shift registers, display drivers, and ADCs. Multi-device communications are
supported by the master/slave operation of the SPI. The SPI contains a 16-level
receive and transmit FIFO for reducing interrupt servicing overhead.
SCI:
The serial communications interface is a two-wire asynchronous serial port,
commonly known as UART. The SCI contains a 16-level receive and transmit FIFO
for reducing interrupt servicing overhead.
I2C:
The inter-integrated circuit (I2C) module provides an interface between an MCU and
other devices compliant with Philips Semiconductors Inter-IC bus (I2C-bus)
specification version 2.1 and connected by way of an I2C-bus. External components
attached to this 2-wire serial bus can transmit/receive up to 8-bit data to/from the
MCU through the I2C module. The I2C contains a 16-level receive and transmit
FIFO for reducing interrupt servicing overhead.
Copyright © 2009–2012, Texas Instruments Incorporated
Functional Overview
45
Submit Documentation Feedback
Product Folder Link(s): TMS320C28346, TMS320C28345, TMS320C28344 TMS320C28343, TMS320C28342,
TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com