| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C51CC02UA-RATIM bảng dữ liệu(PDF) 50 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM bảng dữ liệu(HTML) 50 Page - ATMEL Corporation |
|
50 / 154 page ![]() 50 T89C51CC02 4126H–CAN–01/05 Figure 22. UART Timing in Mode 1 Figure 23. UART Timing in Modes 2 and 3 Automatic Address Recognition The automatic address recognition feature is enabled when the multiprocessor commu- nication feature is enabled (SM2 bit in SCON register is set). Implemented in the hardware, automatic address recognition enhances the multiproces- sor communication feature by allowing the serial port to examine the address of each incoming command frame. Only when the serial port recognizes its own address will the receiver set the RI bit in the SCON register to generate an interrupt. This ensures that the CPU is not interrupted by command frames addressed to other devices. If necessary, the user can enable the automatic address recognition feature in mode 1. In this configuration, the stop bit takes the place of the ninth data bit. bit RI is set only when the received command frame address matches the device’s address and is termi- nated by a valid stop bit. To support automatic address recognition, a device is identified by a given address and a broadcast address. Note: The multiprocessor communication and automatic address recognition features cannot be enabled in mode 0 (i.e. setting SM2 bit in SCON register in mode 0 has no effect). Given Address Each device has an individual address that is specified in the SADDR register; the SADEN register is a mask byte that contains don’t-care bits (defined by zeros) to form the device’s given address. The don’t-care bits provide the flexibility to address one or more slaves at a time. The following example illustrates how a given address is formed. To address a device by its individual address, the SADEN mask byte must be 1111 1111b . For example: SADDR0101 0110b SADEN1111 1100b Given0101 01XXb Data Byte RI SMOD0 = x Stop bit Start bit RXD D7 D6 D5 D4 D3 D2 D1 D0 FE SMOD0 = 1 RI SMOD0 = 0 Data Byte Ninth bit Stop bit Start bit RXD D8 D7 D6 D5 D4 D3 D2 D1 D0 RI SMOD0 = 1 FE SMOD0 = 1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |