| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C51CC02UA-RATIM bảng dữ liệu(PDF) 96 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM bảng dữ liệu(HTML) 96 Page - ATMEL Corporation |
|
96 / 154 page ![]() 96 T89C51CC02 4126H–CAN–01/05 Table 60. CANGIE Register CANGIE (S:C1h) – CAN Reset Value = xx00 000xb 765 43210 - - ENRX ENTX ENERCH ENBUF ENERG - Bit Number Bit Mnemonic Description 7 - 6 - Reserved The values read from these bits are indeterminate. Do not set these bits. 5 ENRX Enable Receive Interrupt 0 - Disable 1 - Enable 4ENTX Enable Transmit Interrupt 0 - Disable 1 - Enable 3 ENERCH Enable Message Object Error Interrupt 0 - Disable 1 - Enable 2 ENBUF Enable BUF Interrupt 0 - Disable 1 - Enable 1 ENERG Enable General Error Interrupt 0 - Disable 1 - Enable 0- Reserved The value read from this bit is indeterminate. Do not set this bit. See Figure 39. |