| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C51CC02UA-RATIM bảng dữ liệu(PDF) 73 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51CC02UA-RATIM bảng dữ liệu(HTML) 73 Page - ATMEL Corporation |
|
73 / 154 page ![]() 73 T89C51CC02 4126H–CAN–01/05 Figure 34. CAN Bit Construction Synchronization Segment The first segment is used to synchronize the various bus nodes. On transmission, at the start of this segment, the current bit level is output. If there is a bit state change between the previous bit and the current bit, then the bus state change is expected to occur within this segment by the receiving nodes. Propagation Time Segment This segment is used to compensate for signal delays across the network. This is necessary to compensate for signal propagation delays on the bus line and through the transceivers of the bus nodes. Phase Segment 1 Phase Segment 1 is used to compensate for edge phase errors. This segment may be lengthened during resynchronization. Sample Point The sample point is the point of time at which the bus level is read and interpreted as the value of the respective bit. Its location is at the end of Phase Segment 1 (between the two Phase Segments). Phase Segment 2 This segment is also used to compensate for edge phase errors. This segment may be shortened during resynchronization, but the length has to be at least as long as the information processing time and may not be more than the length of Phase Segment 1. Information Processing Time It is the time required for the logic to determine the bit level of a sampled bit. The Information processing Time begins at the sample point, is measured in TQ and is fixed at 2 TQ for the Atmel CAN. Since Phase Segment 2 also begins at the sample point and is the last segment in the bit time, Phase Segment 2 minimum shall not be less than the Information processing Time. Bit Lengthening As a result of resynchronization, Phase Segment 1 may be lengthened or Phase Seg- ment 2 may be shortened to compensate for oscillator tolerances. If, for example, the transmitter oscillator is slower than the receiver oscillator, the next falling edge used for resynchronization may be delayed. So Phase Segment 1 is lengthened in order to adjust the sample point and the end of the bit time. Time Quantum (producer) Nominal CAN Bit Time Segments (producer) SYNC_SEG PROP_SEG PHASE_SEG_1 PHASE_SEG_2 propagation delay Segments (consumer) SYNC_SEG PROP_SEG PHASE_SEG_1 PHASE_SEG_2 Sample Point Transmission Point (producer) CAN Frame (producer) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |