| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA400A bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA400A bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 117 page ![]() STA400A 36/117 Relative Address (Hex) Register Name WL Type Reset Value (Hex) Comment 9B TpmFspPoSlipCnt_S1 8 r -- satellite one TDM preamble monitor FSP position slip counter A0 TpmMfpW_re_S2 8 r -- satellite two TDM preamble monitor MFP correlation weight, real part A1 TpmMfpW_im_S2 8 r -- satellite two TDM preamble monitor MFP correlation weight, imaginary part A2 TpmMfpSymSlip1_S2 8 r -- satellite two TDM preamble monitor MFP symbol slip A3 TpmMfpSymSlip2_S2 4 r -- A4 TpmFspW_re_S2 7 r -- satellite two TDM preamble monitor FSP correlation weight, real part A5 TpmFspW_im_S2 7 r -- satellite two TDM preamble monitor FSP correlation weight, imaginary part A6 TpmFspPosSlip1_S2 8 r -- satellite two TDM preamble monitor FSP symbol slip A7 TpmFspPosSlip2_S2 4 r -- A8 TpmFspTdmPhase_S2 2 r -- satellite two TDM preamble monitor FSP phase A9 TpmPrDetect_S2 2 r -- satellite two TDM preamble monitor preamble detection AA TpmFspCySlipCnt_S2 8 r -- satellite two TDM preamble monitor FSP cycle slip counter AB TpmFspPoSlipCnt_S2 8 r -- satellite two TDM preamble monitor FSP position slip counter B0 TdmSySlip1_S1 8 r -- satellite one TDM decoding symbol slip B1 TdmSySlip2_S1 4 r -- B2 TdmSySlip1_S2 8 r -- satellite two TDM decoding symbol slip B3 TdmSySlip2_S2 4 r -- B4 TdmSySlip1_T 8 r -- terrestrial TDM decoding symbol slip B5 TdmSySlip2_T 2 r -- C0 FspStarWinLen_S1 3 wr 02 Satellite one TDM decoding FSP detection start window length C1 FspHuntWinInc_S1 4 wr 03 Satellite one TDM decoding FSP detection hunt window increment C2 FspShDropOutLen_S1 5wr 0F Satellite one TDM decoding FSP short dropout length C3 FspSecuAlignThr_S1 3 wr 03 Satellite one TDM decoding FSP secure alignment threshold C8 FspStarWinLen_S2 3 wr 02 Satellite two TDM decoding FSP detection start window length C9 FspHuntWinInc_S2 4 wr 03 Satellite two TDM decoding FSP detection hunt window increment CA FspShDropOutLen_S2 5wr 0F Satellite two TDM decoding FSP short dropout length CB FspSecuAlignThr_S2 3 wr 03 Satellite two TDM decoding FSP secure alignment threshold Table 6. TDM (Section 1) (continued) |