| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA400A bảng dữ liệu(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA400A bảng dữ liệu(HTML) 80 Page - STMicroelectronics |
|
80 / 117 page ![]() STA400A 80/117 TpmFspPoSlipCnt_S1 - Sat1 TDM Preamble Monitor FSP Position Slip Counter FSP position slip counter based on the distorsion of the detected FSPs to their expected position with respect to the lastest detected MFP. TpmMfpW_re_S2 - Sat2 TDM Preamble Monitor MFP Correlation Weight, Real Part Result of the latest MFP real part correlation. TpmMfpW_im_S2 - Sat2 TDM Preamble Monitor MFP Correlation Weight, Imaginary Part Result of the latest MFP imaginary part correlation. TpmMfpSymSlip_S2 - Sat2 TDM Preamble Monitor MFP Symbol Slip TpmFspW_re_S2- Sat2 TDM Preamble Monitor FSP Correlation Weight, Real Part Result of the latest FSP real part correlation. TpmFspW_im_S2- Sat2 TDM Preamble Monitor FSP Correlation Weight, Imaginary Part Result of the latest FSP imaginary part correlation. Type: SingleByte - R Word Length: 8 Byte Name Address (Hex) Bit Map Reset Value (Hex) TpmFspPoSlipCnt_S1 029B 7-0 -- Type: SingleByte - R Word Length: 8 Byte Name Address (Hex) Bit Map Reset Value (Hex) TpmMfpW_re_S2 02A0 7-0 -- Type: SingleByte - R Word Length: 8 Byte Name Address (Hex) Bit Map Reset Value (Hex) TpmMfpW_im_S2 02A1 7-0 -- Type: MultiBytes - R Word Length: 12 Byte Name Address (Hex) Bit Map Reset Value (Hex) TpmMfpSymSlip2_S2 02A3 11-8 -- TpmMfpSymSlip1_S2 02A2 7-0 -- Type: SingleByte - R Word Length: 7 Byte Name Address (Hex) Bit Map Reset Value (Hex) TpmFspW_re_S2 02A4 6-0 -- Type: SingleByte - R Word Length: 7 Byte Name Address (Hex) Bit Map Reset Value (Hex) TpmFspW_im_S2 02A5 6-0 -- |