công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA400A bảng dữ liệu(PDF) 98 Page - STMicroelectronics

tên linh kiện STA400A
Giải thích chi tiết về linh kiện  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A bảng dữ liệu(HTML) 98 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 94Page - STMicroelectronics STA400A Datasheet HTML 95Page - STMicroelectronics STA400A Datasheet HTML 96Page - STMicroelectronics STA400A Datasheet HTML 97Page - STMicroelectronics STA400A Datasheet HTML 98Page - STMicroelectronics STA400A Datasheet HTML 99Page - STMicroelectronics STA400A Datasheet HTML 100Page - STMicroelectronics STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
STA400A
98/117
1=PCFS0 set to ‘1’ one PCDC cycle before the first bit of PRC.
b0:
PCBS_SYNCH_0
0=PCBS0 set to ‘1’ with the first bit of each byte.
1=PCBS0 set to ‘1’ one PCDC cycle before the first bit of byte.
PC_ALARM
- Alarm Signal for Interface #0 and #1
b1:
PC_ALARM_1
1=Data trasmission error in the interface #1; 0=Interface #1 operating properly.
b0:
PC_ALARM_0
1=Data trasmission error in the interface #0; 0=Interface #0 operating properly.
Note:
These bits are automatically set to ‘0’ after read.
Type:
SingleByte - R/W
Word Length:
2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
PC_ALARM
0506
1-0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More