công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAN337/G bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện TCAN337/G
Giải thích chi tiết về linh kiện  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN337/G bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TCAN337/G Datasheet HTML 25Page - Texas Instruments TCAN337/G Datasheet HTML 26Page - Texas Instruments TCAN337/G Datasheet HTML 27Page - Texas Instruments TCAN337/G Datasheet HTML 28Page - Texas Instruments TCAN337/G Datasheet HTML 29Page - Texas Instruments TCAN337/G Datasheet HTML 30Page - Texas Instruments TCAN337/G Datasheet HTML 31Page - Texas Instruments TCAN337/G Datasheet HTML 32Page - Texas Instruments TCAN337/G Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
75 % SAMPLE POINT
500 mV Threshold
900 mV Threshold
NOISE MARGIN
NOISE MARGIN
RECEIVER DETECTION WINDOW
29
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
www.ti.com
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
System Examples (continued)
11.3.2 Differential Signal
CAN is a differential bus where complementary signals are sent over two wires and the voltage difference
between the two wires defines the logical state of the bus. The differential CAN receiver monitors this voltage
difference and outputs the bus state with a single ended logic level output signal.
Figure 39. Typical Differential Output Waveform
The CAN driver creates the differential voltage between CANH and CANL in the dominant state. The dominant
differential output of the TCAN33x is greater than 1.5 V and less than 3 V across a 60-
Ω load as defined by the
ISO11898 standard. These are the same limiting values for 5 V supplied CAN transceivers. The bus termination
resistors drive the recessive bus state and not the CAN driver.
A CAN receiver is required to output a recessive state when less than 500 mV of differential voltage exists on the
bus, and a dominant state when more than 900 mV of differential voltage exists on the bus. The CAN receiver
must do this with common-mode input voltages from –2 V to 7 V. The TCAN33x family receivers meet these
same input specifications as 5 V supplied receivers.
11.3.3 Common-Mode Signal and EMC Performance
A common-mode signal is an average voltage of the two signal wires that the differential receiver rejects. The
common-mode signal comes from the CAN driver, ground noise, and coupled bus noise. Since the bias voltage
of the recessive state of the device is dependent on VCC, any noise present or variation of VCC has an effect on
this bias voltage seen by the bus. The TCAN33x family has the recessive bias voltage set higher than 0.5 x VCC
to match common mode in recessive mode to dominant mode. This results in superior EMC performance.
12 Power Supply Recommendations
To ensure reliable operation at all data rates and supply voltages, each supply should be decoupled with a 100-
nF ceramic capacitor located as close to the VCC supply pins as possible. The TPS76333 is a linear voltage
regulator suitable for the 3.3 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com