công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAN337/G bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TCAN337/G
Giải thích chi tiết về linh kiện  3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN337/G bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TCAN337/G Datasheet HTML 17Page - Texas Instruments TCAN337/G Datasheet HTML 18Page - Texas Instruments TCAN337/G Datasheet HTML 19Page - Texas Instruments TCAN337/G Datasheet HTML 20Page - Texas Instruments TCAN337/G Datasheet HTML 21Page - Texas Instruments TCAN337/G Datasheet HTML 22Page - Texas Instruments TCAN337/G Datasheet HTML 23Page - Texas Instruments TCAN337/G Datasheet HTML 24Page - Texas Instruments TCAN337/G Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
RC
RD
CS
High-Voltage
Pulse
Generator
Device
Under
Test
40
35
30
25
20
15
10
5
0
Time - ns
0
50
100
150
200
250
300
10kV IEC
10kV HBM
330
(1.5k)
150pF
(100pF)
50M
(1M)
21
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
www.ti.com
SLLSEQ7D – DECEMBER 2015 – REVISED APRIL 2016
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
The short circuit current of the bus depends on the ratio of recessive to dominant bits and their respective short
circuit currents. The average short circuit current may be calculated with the following formula:
IOS(AVG) = %Transmit x [(%REC_Bits x IOS(SS)_REC ) + (%DOM_Bits x IOS(SS)_DOM)] + [%Receive x IOS(SS)_REC]
(1)
Where:
•
IOS(AVG) is the average short circuit current
•
%Transmit is the percentage the node is transmitting CAN messages
•
%Receive is the percentage the node is receiving CAN messages
•
%REC_Bits is the percentage of recessive bits in the transmitted CAN messages
•
%DOM_Bits is the percentage of dominant bits in the transmitted CAN messages
•
IOS(SS)_REC is the recessive steady state short circuit current
•
IOS(SS)_DOM is the dominant steady state short circuit current
The short circuit current and possible fault cases of the network should be taken into consideration when sizing
the power ratings of the termination resistance and other network components.
10.3.8 ESD Protection
The bus pins of the TCAN33x family possess on-chip ESD protection against ±25-kV human body model (HBM)
and ±12-kV IEC61000-4-2 contact discharge. The IEC-ESD test is far more severe than the HBM-ESD test. The
50% higher charge capacitance, CS, and 78% lower discharge resistance, RD of the IEC model produce
significantly higher discharge currents than the HBM-model.
As stated in the IEC 61000-4-2 standard, contact discharge is the preferred test method; although IEC air-gap
testing is less repeatable than contact testing, air discharge protection levels are inferred from the contact
discharge test results.
Figure 30. HBM and IEC-ESD Models and Currents in Comparison (HBM Values in Parenthesis)
10.3.9 Digital Inputs and Outputs
All the devices in this family are single 3.3-V nominal supply devices. The digital logic input and output levels for
these devices have TTL threshold levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com