| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS3108IADCPRG4 bảng dữ liệu(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3108IADCPRG4 bảng dữ liệu(HTML) 43 Page - Texas Instruments |
|
43 / 63 page ![]() www.ti.com 7.4 Memory Access Registers (0x06 and 0x07) TAS3108, TAS3108IA AUDIO DIGITAL SIGNAL PROCESSORS SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007 Registers 0x06 (Table 7-5) and 0x07 (Table 7-6) allow the user to access the internal resources of the TAS3108/TAS3108IA. See TAS3108/TAS3108IA Firmware Programmer's Guide (SLEU067) for more details. Table 7-5. Memory Select and Address Register (0x06) D31 D30 D29 D28 D27 D26 D25 D24 DESCRIPTION – – – – – – – – Unused D23 D22 D21 D20 D19 D18 D17 D16 DESCRIPTION 0 0 0 0 0 0 0 1 Audio DSP core coefficient memory select 0 0 0 0 0 0 1 0 Audio DSP core data memory select 0 0 0 0 0 0 1 1 Reserved 0 0 0 0 0 1 0 0 Microprocessor internal data memory select 0 0 0 0 0 1 0 1 Microprocessor external data memory select 0 0 0 0 0 1 1 0 SFR select 0 0 0 0 0 1 1 1 Microprocessor program RAM select 0 0 0 0 1 0 0 0 Audio DSP core program RAM select D15 D14 D13 D12 D11 D10 D9 D8 DESCRIPTION A0 A1 A2 A3 A4 A5 A6 A7 Memory address D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION A8 A9 A10 A11 A12 A13 A14 A15 Memory address Table 7-6. Data Register (Peek and Poke) (0x07) D63 D62 D61 D60 D59 D58 D57 D56 DESCRIPTION D63 D62 D61 D60 D59 D58 D57 D56 Data to be written or read D55 D54 D53 D52 D51 D50 D49 D48 DESCRIPTION D55 D54 D53 D52 D51 D50 D49 D48 Data to be written or read D47 D46 D45 D44 D43 D42 D41 D40 DESCRIPTION D47 D46 D45 D44 D43 D42 D41 D40 Data to be written or read D39 D38 D37 D36 D35 D34 D33 D32 DESCRIPTION D39 D38 D37 D36 D35 D34 D33 D32 Data to be written or read D31 D30 D29 D28 D27 D26 D25 D24 DESCRIPTION D31 D30 D29 D28 D27 D25 D26 D25 Data to be written or read D23 D22 D21 D20 D19 D18 D17 D16 DESCRIPTION D23 D22 D21 D20 D19 D18 D17 D16 Data to be written or read D15 D14 D13 D12 D11 D10 D9 D8 DESCRIPTION D15 D14 D13 D12 D11 D10 D9 D8 Data to be written or read D7 D6 D5 D4 D3 D2 D1 D0 DESCRIPTION D7 D6 D5 D4 D3 D2 D1 D0 Data to be written or read Submit Documentation Feedback 43 I2C Register Map Not Recommended for New Designs |