công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMF100CIWMX/NOPB bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện LMF100CIWMX/NOPB
Giải thích chi tiết về linh kiện  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWMX/NOPB bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button LMF100CIWMX/NOPB Datasheet HTML 23Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 24Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 25Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 26Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 27Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 28Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 29Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 30Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Typical Application (continued)
Single 10-V power supply. 0-V to 5-V TTL logic levels. Input signals should be referred to half-supply or applied
through a coupling capacitor.
Figure 55. Fourth-Order Chebyshev Lowpass Filter from Example in 3.1.
Figure 56. Three Ways of Generating V+/2 for
Figure 57. Three Ways of Generating V+/2 for
Single-Supply Operation Option A
Single-Supply Operation Option B
Figure 58. Three Ways of Generating V+/2 for Single-Supply Operation Option C
9.2.2.2 Dynamic Considerations
The maximum signal handling capability of the LMF100, like that of any active filter, is limited by the power
supply voltages used. The amplifiers in the LMF100 can swing to within about 1 volt of the supplies, so the input
signals must be kept small enough that none of the outputs will exceed these limits. If the LMF100 is operating
on ±5 volts, for example, the outputs will clip at about 8 Vp-p. The maximum input voltage multiplied by the filter
gain should therefore be less than 8 Vp-p.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com