công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMF100CIWMX/NOPB bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện LMF100CIWMX/NOPB
Giải thích chi tiết về linh kiện  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWMX/NOPB bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button LMF100CIWMX/NOPB Datasheet HTML 20Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 21Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 22Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 23Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 24Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 25Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 26Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 27Page - Texas Instruments LMF100CIWMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Not Recommended for New Designs
LMF100
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LMF100 is a general purpose dual second-order state variable filter whose center frequency is proportional
to the frequency of the square wave applied to the clock input (fCLK). The various clocking options are
summarized in Table 2.
Table 2. Clocking Options
POWER SUPPLY
CLOCK LEVELS
LSh
VD
+
−5 V and +5 V
TTL (0 V to 5 V)
0 V
+5 V
−5 V and +5 V
CMOS (
−5 V to +5 V)
0 V
+5 V
0 V and 10 V
TTL (0 V to 5 V)
0 V
+10 V
0 V and 10 V
CMOS (0 V to 10 V)
+5 V
+10 V
−2.5 V and +2.5 V
CMOS
0 V
+2.5 V
0 V and 5 V
(
−2.5 V to +2.5 V) TTL (0 V to 5 V)
0 V
0 V
0 V and 5 V
CMOS (0 V to 5 V)
+2.5 V
+5 V
By connecting pin 12 to the appropriate DC voltage, the filter center frequency, f0, can be made equal to either
fCLK/100 or fCLK/50. f0 can be very accurately set (within ±0.6%) by using a crystal clock oscillator, or can be
easily varied over a wide frequency range by adjusting the clock frequency. If desired, the fCLK/f0 ratio can be
altered by external resistors as in Figure 43 through Figure 49. This is useful when high-order filters (greater than
two) are to be realized by cascading the second-order sections. This allows each stage to be stagger tuned while
using only one clock. The filter Q and gain are set by external resistor ratios.
All of the five second-order filter types can be built using either section of the LMF100. These are illustrated in
Figure 25 through Figure 33 along with their transfer functions and some related equations. Figure 35 shows the
effect of Q on the shapes of these curves.
9.2 Typical Application
When designing a LP filter that has similar pass band characteristic as a Butterworth topology but requiring a
much steeper roll off then a fourth-order Chebyshev topology can implement the need with one LMF100.
Figure 53. Implement a Fourth-Order Chebyshev LP Filter Having a 1-kHz Cutoff Frequency and 1-dB PB
Ripple With an LMF100
24
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com