| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC244ADBLE bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC244ADBLE bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Jun-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN74LVC244ADBLE OBSOLETE SSOP DB 20 TBD Call TI Call TI -40 to 125 SN74LVC244ADBR ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC244A SN74LVC244ADBRE4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC244A SN74LVC244ADBRG4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC244A SN74LVC244ADGVR ACTIVE TVSOP DGV 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC244A SN74LVC244ADGVRE4 ACTIVE TVSOP DGV 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC244A SN74LVC244ADGVRG4 ACTIVE TVSOP DGV 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LC244A SN74LVC244ADW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC244A SN74LVC244ADWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC244A SN74LVC244ADWG4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC244A SN74LVC244ADWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 LVC244A SN74LVC244ADWRE4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC244A SN74LVC244ADWRG4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC244A SN74LVC244AGQNR OBSOLETE BGA MICROSTAR JUNIOR GQN 20 TBD Call TI Call TI -40 to 85 LC244A SN74LVC244AN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 125 SN74LVC244AN SN74LVC244ANE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 125 SN74LVC244AN SN74LVC244ANSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 LVC244A |