công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC244ADBLE bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện SN74LVC244ADBLE
Giải thích chi tiết về linh kiện  SN74LVC244A Octal Buffer or Driver With 3-State Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC244ADBLE bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button SN74LVC244ADBLE Datasheet HTML 26Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 27Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 28Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 29Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 30Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 31Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 32Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 33Page - Texas Instruments SN74LVC244ADBLE Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.ti.com
PACKAGE OUTLINE
C
20X 0.25
0.15
1.14±0.05
20X 0.5
0.3
0.5 MAX
(0.15) TYP
0.05
0.00
16X 0.4
2X
2
2X 1.2
1.9±0.05
A
2.6
2.4
B
3.4
3.2
4X (0.36)
(0.1) TYP
X1QFN - 0.5 mm max height
RWP0020A
PLASTIC QUAD FLATPACK - NO LEAD
4221912/A 03/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
6
11
16
7
10
20
17
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 4.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34