| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM641 bảng dữ liệu(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 bảng dữ liệu(HTML) 56 Page - Texas Instruments |
|
56 / 171 page ![]() Pin Assignments 56 June 2003 − Revised August 2004 SPRS222C Table 1−6. Terminal Functions (Continued) SIGNAL DESCRIPTION IPD/ IPU‡ TYPE† NAME DESCRIPTION IPD/ IPU‡ TYPE† DM640 DM641 SUPPLY VOLTAGE PINS (CONTINUED) G5 G5 G22 G22 H5 H5 H22 H22 J6 J6 J21 J21 K5 K5 K22 K22 M6 M6 M21 M21 N2 N2 P25 P25 R21 R21 U5 U5 U22 U22 DV V21 V21 S 3.3-V supply voltage DVDD W5 W5 S 3.3-V supply voltage W22 W22 W25 W25 Y5 Y5 Y22 Y22 AA9 AA9 AA12 AA12 AA15 AA15 AA18 AA18 AB5 AB5 AB7 AB7 AB8 AB8 AB10 AB10 AB17 AB17 AB19 AB19 AB20 AB20 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground ‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) |