công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP8430V bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP8430V
Giải thích chi tiết về linh kiện  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 2Page - National Semiconductor (TI) DP8430V Datasheet HTML 3Page - National Semiconductor (TI) DP8430V Datasheet HTML 4Page - National Semiconductor (TI) DP8430V Datasheet HTML 5Page - National Semiconductor (TI) DP8430V Datasheet HTML 6Page - National Semiconductor (TI) DP8430V Datasheet HTML 7Page - National Semiconductor (TI) DP8430V Datasheet HTML 8Page - National Semiconductor (TI) DP8430V Datasheet HTML 9Page - National Semiconductor (TI) DP8430V Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
20 Signal Descriptions (Continued)
Pin
Device (If not
Input
Description
Name
Applicable to All)
Output
23 REFRESH SIGNALS
RFIP
O
REFRESH IN PROGRESS
This output is asserted prior to a refresh cycle and is
negated when all the RAS outputs are negated for that refresh
RFSH
I
REFRESH
This input asserted will request a refresh If this input is continually
asserted the DP8430V31V32V will perform refresh cycles in a burst refresh
fashion until the input is negated
24 PORT A ACCESS SIGNALS
ADS
I
ADDRESS STROBE
or ADDRESS LATCH ENABLE Depending on programming
this input can function as ADS or ALE In mode 0 the input functions as ALE and
(ALE)
I
when asserted along with CS causes an internal latch to be set Once this latch is set
an access will start from the positive clock edge of CLK as soon as possible In Mode
1 the input functions as ADS and when asserted along with CS causes the access
RAS to assert if no other event is taking place If an event is taking place RAS will be
asserted from the positive edge of CLK as soon as possible In both cases the low
going edge of this signal latches the bank row and column address if programmed to
do so
CS
I
CHIP SELECT
This input signal must be asserted to enable a Port A access
AREQ
I
ACCESS REQUEST
This input signal in Mode 0 must be asserted some time after
the first positive clock edge after ALE has been asserted When this signal is
negated RAS is negated for the access In Mode 1 this signal must be asserted
before ADS can be negated When this signal is negated RAS is negated for the
access
WAIT
O
WAIT
or DTACK This output can be programmed to insert wait states into a CPU
access cycle With R7 negated during programming the output will function as a
(DTACK)O
WAIT type output In this case the output will be active low to signal a wait condition
With R7 asserted during programming the output will function as DTACK In this
case the output will be negated to signify a wait condition and will be asserted to
signify the access has taken place Each of these signals can be delayed by a
number of positive clock edges or negative clock levels of CLK to increase the
microprocessor’s access cycle through the insertion of wait states
WAITIN
I
WAIT INCREASE
This input can be used to dynamically increase the number of
positive clock edges of CLK until DTACK will be asserted or WAIT will be negated
during a DRAM access
25 PORT B ACCESS SIGNALS
AREQB
DP8432V
I
PORT B ACCESS REQUEST
This input asserted will latch the row column and bank
address if programmed and requests an access to take place for Port B If the
only
access can take place RAS will assert immediately If the access has to be delayed
RAS will assert as soon as possible from a positive edge of CLK
ATACKB
DP8432V
O
ADVANCED TRANSFER ACKNOWLEDGE PORT B
This output is asserted when
the access RAS is asserted for a Port B access This signal can be used to generate
only
the appropriate DTACK or WAIT type signal for Port B’s CPU or bus
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56