| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP8430V bảng dữ liệu(PDF) 25 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8430V bảng dữ liệu(HTML) 25 Page - National Semiconductor (TI) |
|
25 / 56 page ![]() 50 Refresh Options (Continued) 53 EXTENDING REFRESH The programmed number of periods of CLK that refresh RASs are asserted can be extended by one or multiple peri- ods of CLK Only the all RAS (with or without error scrub- bing) type of refresh can be extended To extend a refresh cycle the input extend refresh EXTNDRF must be assert- ed before the positive edge of CLK that would have negated all the RAS outputs during the refresh cycle and after the positive edge of CLK which starts all RAS outputs during the refresh as shown in Figure 19 This will extend the refresh to the next positive edge of CLK and EXTNDRF will be sam- pled again The refresh cycle will continue until EXTNDRF is sampled low on a positive edge of CLK TLF11118 – 28 FIGURE 19 Extending Refresh with the Extend Refresh (EXTNDRF) Input 60 Port A Wait State Support Wait states allow a CPU’s access cycle to be increased by one or multiple CPU clock periods The wait or ready input is named differently by CPU manufacturers However any CPU’s wait or ready input is compatible with either the WAIT or DTACK output of the DP8430V31V32V The user de- termines whether to program WAIT or DTACK (R7) and which value to select for WAIT or DTACK (R2 R3) depend- ing upon the CPU used and where the CPU samples its wait input during an access cycle The decision to terminate the CPU access cycle is directly affected by the speed of the DRAMs used The system de- signer must ensure that the data from the DRAMs will be present for the CPU to sample or that the data has been written to the DRAM before allowing the CPU access cycle to terminate The insertion of wait states also allows a CPU’s access cy- cle to be extended until the DRAM access has taken place The DP8430V31V32V insert wait states into CPU access cycles due to guaranteeing precharge time refresh current- ly in progress user programmed wait states the WAITIN signal being asserted and GRANTB not being valid (DP8432V only) If one of these events is taking place and the CPU starts an access the DP8430V31V32V will insert wait states into the access cycle thereby increasing the length of the CPU’s access Once the event has been com- pleted the DP8430V31V32V will allow the access to take place and stop inserting wait states There are six programming bits R2 – R7 an input WAITIN and an output that functions as WAIT or DTACK 61 WAIT TYPE OUTPUT With the R7 address bit negated during programming the user selects the WAIT output As long as WAIT is sampled asserted by the CPU wait states (extra clock periods) are inserted into the current access cycle as shown in Figure 20 Once WAIT is sampled negated the access cycle is completed by the CPU WAIT is asserted at the beginning of a chip selected access and is programmed to negate a number of positive edges andor negative levels of CLK from the event that starts the access WAIT can also be programmed to function in pageburst mode applications Once WAIT is negated during an access and the ECAS inputs are negated with AREQ asserted WAIT can be pro- grammed to toggle following the ECAS inputs Once AREQ is negated ending the access WAIT will stay negated until the next chip selected access For more details about WAIT Type Output see Application Note AN-773 TLF11118 – 29 FIGURE 20 WAIT Type Output 25 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |