công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26LVCISD-115/NOPB bảng dữ liệu(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26LVCISD-115/NOPB
Giải thích chi tiết về linh kiện  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-115/NOPB bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button LM26LVCISD-115/NOPB Datasheet HTML 8Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 9Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 10Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 11Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 12Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 13Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 14Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 15Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
LM26LV/LM26LV-Q1 VTEMP VS DIE TEMPERATURE CONVERSION TABLE
The LM26LV/LM26LV-Q1 has one out of four possible factory-set gains, Gain 1 through Gain 4, depending on
the range of the Temperature Trip Point. The VTEMP temperature sensor voltage, in millivolts, at each discrete die
temperature over the complete operating temperature range, and for each of the four Temperature Trip Point
ranges, is shown in the Conversion Table. This table is the reference from which the LM26LV/LM26LV-Q1
accuracy specifications (listed in the Electrical Characteristics section) are determined. This table can be used,
for example, in a host processor look-up table. See The Second-Order Equation (Parabolic) for the parabolic
equation used in the Conversion Table.
Table 1. VTEMP Temperature Sensor Output Voltage vs Die Temperature Conversion Table
(1)
VTEMP, Analog Output Voltage, mV
Die Temp.,
Gain 1: for
Gain 2: for
Gain 3: for
Gain 4: for
°C
TTRIP = 0-69°C
TTRIP = 70-109°C
TTRIP = 110-129°C
TTRIP = 130-150°C
−50
1312
1967
2623
3278
−49
1307
1960
2613
3266
−48
1302
1952
2603
3253
−47
1297
1945
2593
3241
−46
1292
1937
2583
3229
−45
1287
1930
2573
3216
−44
1282
1922
2563
3204
−43
1277
1915
2553
3191
−42
1272
1908
2543
3179
−41
1267
1900
2533
3166
−40
1262
1893
2523
3154
−39
1257
1885
2513
3141
−38
1252
1878
2503
3129
−37
1247
1870
2493
3116
−36
1242
1863
2483
3104
−35
1237
1855
2473
3091
−34
1232
1848
2463
3079
−33
1227
1840
2453
3066
−32
1222
1833
2443
3054
−31
1217
1825
2433
3041
−30
1212
1818
2423
3029
−29
1207
1810
2413
3016
−28
1202
1803
2403
3004
−27
1197
1795
2393
2991
−26
1192
1788
2383
2979
−25
1187
1780
2373
2966
−24
1182
1773
2363
2954
−23
1177
1765
2353
2941
−22
1172
1757
2343
2929
−21
1167
1750
2333
2916
−20
1162
1742
2323
2903
−19
1157
1735
2313
2891
−18
1152
1727
2303
2878
−17
1147
1720
2293
2866
(1)
The VTEMP temperature sensor output voltage, in mV, vs Die Temperature, in °C, for each of the four gains corresponding to each of the
four Temperature Trip Point Ranges. Gain 1 is the sensor gain used for Temperature Trip Point 0 - 69°C. Likewise Gain 2 is for Trip
Points 70 - 109 °C; Gain 3 for 110 - 129 °C; and Gain 4 for 130 - 150 °C. VDD = 5.0V. The values in bold font are for the Trip Point
range.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com