công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26LVCISD-115/NOPB bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26LVCISD-115/NOPB
Giải thích chi tiết về linh kiện  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-115/NOPB bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button LM26LVCISD-115/NOPB Datasheet HTML 17Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 18Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 19Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 20Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 21Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 22Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 23Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 24Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
+1.6V to +5.5V
TRIP
TEST
VTEMP
VDD
OT
4
1
2
6
CBP
RIN
Input
Pin
CFILTER
LM26LV
CSAMPLE
Reset
Sample
GND
SAR Analog-to-Digital Converter
OT
5
3
CPIN
LM26LV
2
GND
5
OVERTEMP
3
VDD
4
1
NC
NC
Asserts when TDIE > TTRIP
See text.
100k
NC
6
LM26LV
2
GND
5
OVERTEMP
3
VDD
4
1
NC
NC
Asserts when TDIE > TTRIP
See text.
6
NC
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
Applications Circuits
Figure 23. Temperature Switch Using Push-Pull Output
Figure 24. Temperature Switch Using Open-Drain Output
Figure 25. Suggested Connection to a Sampling Analog-to-Digital Converter Input Stage
Most CMOS ADCs found in microcontrollers and ASICs have a sampled data comparator input structure. When
the ADC charges the sampling cap, it requires instantaneous charge from the output of the analog source such
as the LM26LV/LM26LV-Q1 temperature sensor and many op amps. This requirement is easily accommodated
by the addition of a capacitor (CFILTER). The size of CFILTER depends on the size of the sampling capacitor and the
sampling frequency. Since not all ADCs have identical input stages, the charge requirements will vary. This
general ADC application is shown as an example only.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com