công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM26LVCISD-115/NOPB bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM26LVCISD-115/NOPB
Giải thích chi tiết về linh kiện  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-115/NOPB bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button LM26LVCISD-115/NOPB Datasheet HTML 18Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 19Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 20Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 21Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 22Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 23Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 24Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 25Page - Texas Instruments LM26LVCISD-115/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
LM26LV
TRIP TEST
2
GND
3
OVERTEMP
5
OVERTEMP
VDD
4
1
NC
6
RESET
Momentary
100k
LM26LV
TRIP TEST
2
GND
5
OVERTEMP
3
OVERTEMP
VDD
4
1
100k
NC
6
R1
4.1V
R3
R2
0.1 PF
U3
LM4040
R4
VOUT
V+
VT
VTEMP
+
-
U1
LM26LV
VDD
U2
(High = overtemp alarm)
VT1
VT2
VTEMP
VOUT
VT1 =
R1 + R2||R3
(4.1)R2
VT2 =
R2 + R1||R3
(4.1)R2
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Figure 26. Celsius Temperature Switch
Figure 27. TRIP TEST Digital Output Test Circuit
Figure 28. Latch Circuit using OVERTEMP Output
The TRIP TEST pin, normally used to check the operation of the OVERTEMP and OVERTEMP pins, may be
used to latch the outputs whenever the temperature exceeds the programmed limit and causes the digital outputs
to assert. As shown in Figure 28, when OVERTEMP goes high the TRIP TEST input is also pulled high and
causes OVERTEMP output to latch high and the OVERTEMP output to latch low. The latch can be released by
either momentarily pulling the TRIP TEST pin low (GND), or by toggling the power supply to the device. The
resistor limits the current out of the OVERTEMP output pin.
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com