| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM5102 bảng dữ liệu(PDF) 8 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 bảng dữ liệu(HTML) 8 Page - Wolfson Microelectronics plc |
|
8 / 334 page ![]() WM5102 Production Data w PD, June 2014, Rev 4.2 8 PIN DESCRIPTION A description of each pin on the WM5102 is provided below. Note that a table detailing the associated power domain for every input and output pin is provided on the following page. Note that, where multiple pins share a common name, these pins should be tied together on the PCB. All Digital Output pins are CMOS outputs, unless otherwise stated. PIN NO NAME TYPE DESCRIPTION B3, B4, B7, C3, C4, C5, C6, C7, C8, F2, F3, G3, H3, J3, L3 AGND Supply Analogue ground (Return path for AVDD) J13 AIF1BCLK Digital Input / Output Audio interface 1 bit clock J11 AIF1RXDAT Digital Input Audio interface 1 RX digital audio data J12 AIF1LRCLK Digital Input / Output Audio interface 1 left / right clock J8 AIF1TXDAT Digital Output Audio interface 1 TX digital audio data K5 AIF2BCLK Digital Input / Output Audio interface 2 bit clock M9 AIF2RXDAT Digital Input Audio interface 2 RX digital audio data L8 AIF2LRCLK Digital Input / Output Audio interface 2 left / right clock L6 AIF2TXDAT Digital Output Audio interface 2 TX digital audio data L5 AIF3BCLK Digital Input / Output Audio interface 3 bit clock K4 AIF3RXDAT Digital Input Audio interface 3 RXdigital audio data M5 AIF3LRCLK Digital Input / Output Audio interface 3 left / right clock L4 AIF3TXDAT Digital Output Audio interface 3 TX digital audio data A3, A7, M3 AVDD Supply Analogue supply L13 CIF1ADDR Digital Input Control interface 1 (I2C) address select K12 CIF1SCLK Digital Input Control interface 1 clock input K11 CIF1SDA Digital Input / Output Control interface 1 data input and output / acknowledge output. The output function is implemented as an Open Drain circuit. M13 CIF2MOSI Digital Input Control interface 2 Master Out / Slave In data K9 CIF2MISO Digital Output Control interface 2 Master In / Slave Out data L12 CIF2SCLK Digital Input Control interface 2 clock input L11 CIF2SS ¯¯¯¯¯¯ Digital Input Control interface 2 Slave Select (SS) B9 CP1CA Analogue Output Charge pump 1 fly-back capacitor pin B10 CP1CB Analogue Output Charge pump 1 fly-back capacitor pin A10 CP1VOUTN Analogue Output Charge pump 1 negative output decoupling pin A9 CP1VOUTP Analogue Output Charge pump 1 positive output decoupling pin C11 CP2CA Analogue Output Charge pump 2 fly-back capacitor pin B11 CP2CB Analogue Output Charge pump 2 fly-back capacitor pin A11 CP2VOUT Analogue Output Charge pump 2 output decoupling pin / Supply for LDO2 C10 CPGND Supply Charge pump 1 & 2 ground (Return path for CPVDD) C9 CPVDD Supply Supply for Charge Pump 1 & 2 G13, M10 DBVDD1 Supply Digital buffer (I/O) supply (core functions and Audio Interface 1) M6 DBVDD2 Supply Digital buffer (I/O) supply (for Audio Interface 2) M4 DBVDD3 Supply Digital buffer (I/O) supply (for Audio Interface 3) G11, M8 DCVDD Supply Digital core supply E5, E6, E7, E8, E9, F5, F6, F7, F8, F9, G5, G6, G7, G8, G9, G12, H5, H6, H7, H8, H9, M7 DGND Supply Digital ground (Return path for DCVDD, DBVDD1, DBVDD2 and DBVDD3) A4 EPOUTP Analogue Output Earpiece positive output |