công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2575EP bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện LM2575EP
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button LM2575EP Datasheet HTML 18Page - Texas Instruments LM2575EP Datasheet HTML 19Page - Texas Instruments LM2575EP Datasheet HTML 20Page - Texas Instruments LM2575EP Datasheet HTML 21Page - Texas Instruments LM2575EP Datasheet HTML 22Page - Texas Instruments LM2575EP Datasheet HTML 23Page - Texas Instruments LM2575EP Datasheet HTML 24Page - Texas Instruments LM2575EP Datasheet HTML 25Page - Texas Instruments LM2575EP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
The peak inductor current, which is the same as the peak switch current, can be calculated from the following
formula:
where
•
fosc = 52 kHz
(15)
Under normal continuous inductor current operating conditions, the minimum VIN represents the worst case.
Select an inductor that is rated for the peak current anticipated.
Also, the maximum voltage appearing across the regulator is the absolute sum of the input and output voltage.
For a
−12V output, the maximum input voltage for the LM2575EP is +28V, or +48V for the LM2575HVEP.
The Switchers Made Simple (version 3.3) design software can be used to determine the feasibility of regulator
designs using different topologies, different input-output parameters, different components, etc.
Figure 31. Inverting Buck-Boost Develops
−12V
NEGATIVE BOOST REGULATOR
Another variation on the buck-boost topology is the negative boost configuration. The circuit in Figure 32 accepts
an input voltage ranging from
−5V to −12V and provides a regulated −12V output. Input voltages greater than
−12V will cause the output to rise above −12V, but will not damage the regulator.
Because of the boosting function of this type of regulator, the switch current is relatively high, especially at low
input voltages. Output load current limitations are a result of the maximum current rating of the switch. Also,
boost regulators can not provide current limiting load protection in the event of a shorted load, so some other
means (such as a fuse) may be necessary.
Typical Load Current
200 mA for VIN = −5.2V
500 mA for VIN = −7V
Note: Pin numbers are for TO-220 package.
Figure 32. Negative Boost
22
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com