công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2575EP bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện LM2575EP
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575EP bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button LM2575EP Datasheet HTML 14Page - Texas Instruments LM2575EP Datasheet HTML 15Page - Texas Instruments LM2575EP Datasheet HTML 16Page - Texas Instruments LM2575EP Datasheet HTML 17Page - Texas Instruments LM2575EP Datasheet HTML 18Page - Texas Instruments LM2575EP Datasheet HTML 19Page - Texas Instruments LM2575EP Datasheet HTML 20Page - Texas Instruments LM2575EP Datasheet HTML 21Page - Texas Instruments LM2575EP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
OBSOLETE
LM2575EP, LM2575HVEP
SNVS301B – DECEMBER 2004 – REVISED APRIL 2013
www.ti.com
Table 2. Inductor Selection by Manufacturer's Part Number (continued)
Inductor Code
Inductor Value
Schott(1)
Pulse Eng.(2)
Renco(3)
H330
330
μH
67127080
PE-53117
RL2447
H470
470
μH
67127090
PE-53118
RL1961
H680
680
μH
67127100
PE-53119
RL1960
H1000
1000
μH
67127110
PE-53120
RL1959
H1500
1500
μH
67127120
PE-53121
RL1958
H2200
2200
μH
67127130
PE-53122
RL2448
APPLICATION HINTS
INPUT CAPACITOR (CIN)
To maintain stability, the regulator input pin must be bypassed with at least a 47
μF electrolytic capacitor. The
capacitor's leads must be kept short, and located near the regulator.
If the operating temperature range includes temperatures below
−25°C, the input capacitor value may need to be
larger. With most electrolytic capacitors, the capacitance value decreases and the ESR increases with lower
temperatures and age. Paralleling a ceramic or solid tantalum capacitor will increase the regulator stability at cold
temperatures. For maximum capacitor operating lifetime, the capacitor's RMS ripple current rating should be
greater than
(8)
INDUCTOR SELECTION
All switching regulators have two basic modes of operation: continuous and discontinuous. The difference
between the two types relates to the inductor current, whether it is flowing continuously, or if it drops to zero for a
period of time in the normal switching cycle. Each mode has distinctively different operating characteristics,
which can affect the regulator performance and requirements.
The LM2575EP (or any of the Simple Switcher family) can be used for both continuous and discontinuous modes
of operation.
The inductor value selection guides in Figure 26 through Figure 30 were designed for buck regulator designs of
the continuous inductor current type. When using inductor values shown in the inductor selection guide, the
peak-to-peak inductor ripple current will be approximately 20% to 30% of the maximum DC current. With
relatively heavy load currents, the circuit operates in the continuous mode (inductor current always flowing), but
under light load conditions, the circuit will be forced to the discontinuous mode (inductor current falls to zero for a
period of time). This discontinuous mode of operation is perfectly acceptable. For light loads (less than
approximately 200 mA) it may be desirable to operate the regulator in the discontinuous mode, primarily because
of the lower inductor values required for the discontinuous mode.
The selection guide chooses inductor values suitable for continuous mode operation, but if the inductor value
chosen is prohibitively high, the designer should investigate the possibility of discontinuous operation. The
computer design software Switchers Made Simple will provide all component values for discontinuous (as well
as continuous) mode of operation.
Inductors are available in different styles such as pot core, toriod, E-frame, bobbin core, etc., as well as different
core materials, such as ferrites and powdered iron. The least expensive, the bobbin core type, consists of wire
wrapped on a ferrite rod core. This type of construction makes for an inexpensive inductor, but since the
magnetic flux is not completely contained within the core, it generates more electromagnetic interference (EMI).
This EMI can cause problems in sensitive circuits, or can give incorrect scope readings because of induced
voltages in the scope probe.
18
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2575EP LM2575HVEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com