| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT86RF211DAI-R bảng dữ liệu(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT86RF211DAI-R bảng dữ liệu(HTML) 40 Page - ATMEL Corporation |
|
40 / 48 page ![]() 40 AT86RF211 1942C–WIRE–06/02 Wake-upDataRegister (WUD) Note: To use this mode, please refer to the corresponding application note. Table 23. WUD Overview Name WUD nbit (data length -1) - 0 Table 24. WUD Detailed Description Name Number of bits Comments WUD Length Wake-up message data Warning: The length of this register is variable: * case fixed data length (STOP = 0 of WUC) data length is given by DATL of WUC. * case variable data length (STOP = 1 of WUC) data length is given by MSGDATL of STAT register. Warning: The first bit of received data is the LSB: WUD[0]. |