| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CPC7695ZCTR bảng dữ liệu(PDF) 7 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC7695ZCTR bảng dữ liệu(HTML) 7 Page - IXYS Corporation |
|
7 / 25 page ![]() INTEGRATED CIRCUITS DIVISION CPC7695 R01 www.ixysic.com 7 1.6.3 Ringing Switch: SW4 Parameter Test Conditions Symbol Minimum Typical Maximum Unit Off-State Leakage Current VSW4 (differential) = RLINE to RRINGING All-Off state. +25°C VSW (differential) = -255V to +210V VSW (differential) = +255V to -210V ISW - 0.05 1 A +85°C VSW (differential) = -270V to +210V VSW (differential) = +270V to -210V 0.1 -40°C VSW (differential) = -245V to +210V VSW (differential) = +245V to -210V 0.05 On-Resistance ISW (on) = ±70mA, ±80mA RON -10 15 On Voltage ISW (on) = ± 1mA VON -1.5 3 V On-State Leakage Current Inputs set for ringing -Measure ringing generator current to ground. IRINGING -0.1 0.25 mA Steady-State Current* Inputs set for Ringing mode. ISW - - 150 mA Surge Current* Ringing switches on, all other switches off. Apply ±1kV 10x1000 s pulse with appropriate protection in place. ISW -- 2 A Release Current SW4 transition from on to off. IRINGING - 450 - A Logic input to switch output isolation Logic inputs = GND +25°C, VSW (RRINGING, RLINE)=±320V ISW - 0.1 1 A +85°C, VSW (RRINGING, RLINE)=±330V 0.3 -40°C, VSW (RRINGING, RLINE)= ±310V 0.1 Transient Immunity 100VPP Square Wave, 100Hz (Not production tested - limits are guaranteed by design and quality control sampling audits.) dV/dt 1500 2100 - V/ s *Secondary protection and current limiting must prevent exceeding this parameter. |