công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC7695ZCTR bảng dữ liệu(PDF) 19 Page - IXYS Corporation

tên linh kiện CPC7695ZCTR
Giải thích chi tiết về linh kiện  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7695ZCTR bảng dữ liệu(HTML) 19 Page - IXYS Corporation

Back Button CPC7695ZCTR Datasheet HTML 15Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 16Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 17Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 18Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 19Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 20Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 21Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 22Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 23Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7695
R01
www.ixysic.com
19
Operation Logic Table (Ringing to Talk Transition): Make-Before-Break
2.7.2 Break-Before-Make Operation
Break-before-make operation of the CPC7695 can be
achieved using two different techniques.
The first method uses manipulation of the (INRINGING,
INTESTin, INTESTout) logic inputs as shown below in the
“Operation Logic Table (Ringing to Talk Transition):
Break-Before-Make” on page 19.
1.
At the end of the Ringing state apply the All-Off
state (1,0,1). This releases the ringing return
switch (SW3) while the ringing switch (SW4)
remains active waiting for the next zero current
event.
2.
Hold the All-Off state for at least one-half of a
ringing cycle to assure that a zero crossing event
occurs and that the ringing switch has opened.
3.
Apply inputs for the next desired state. For
theTalk state, the inputs would be (0,0,0).
Break-before-make operation occurs when the ringing
switch opens before the break switches SW1 and
SW2 close.
Operation Logic Table (Ringing to Talk Transition): Break-Before-Make
State
INRINGING INTESTin INTESTout
Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
0Z
-Off
On
On
Off
Make-
Before-
Break
00
0
SW4 waiting for next
zero-current crossing to turn
off. Maximum time is one-half
of the ringing cycle. In this
transition state, current that is
limited to the break switch
DC current limit value will be
sourced from the ring node of
the SLIC.
On
Off
On
Off
Talk
0
0
0
Zero-cross current has
occurred
On
Off
Off
Off
State
INRINGING INTESTin INTESTout Latch
TSD
Timing
Break
Switches
Ringing
Return
Switch
(SW3)
Ringing
Switch
(SW4)
Test
Switches
Ringing
1
0
0
0Z
-Off
On
On
Off
All-Off *
10
1
Hold this state for at least
one-half of ringing cycle. SW4
waiting for zero current to turn off.
Off
Off
On
Off
Break-
Before-
Make *
10
1
Zero current has occurred. SW4
has opened
Off
Off
Off
Off
Talk
0
0
0
Break switches close.
On
Off
Off
Off
* For the CPC7695xA/B versions the input pattern (1,1,1) may also be used for the All-Off state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25