công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CPC7695ZCTR bảng dữ liệu(PDF) 18 Page - IXYS Corporation

tên linh kiện CPC7695ZCTR
Giải thích chi tiết về linh kiện  Line Card Access Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7695ZCTR bảng dữ liệu(HTML) 18 Page - IXYS Corporation

Back Button CPC7695ZCTR Datasheet HTML 14Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 15Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 16Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 17Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 18Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 19Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 20Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 21Page - IXYS Corporation CPC7695ZCTR Datasheet HTML 22Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7695
18
www.ixysic.com
R01
For start up scenarios 2, 3, 5, and 6 the CPC7695 will
power up in the All-Off state and remain there until the
LATCH pin is pulled low. This allows for an indefinite
All-Off state for boards inserted into a powered system
but are not configured for service or boards that need
to wait for other devices to be configured first.
Start up scenario 4 will start up with all switches in the
All-Off state but upon the acceptance of a valid VDD
the LCAS will revert to any one of the legitimate states
listed in the truth tables and there after may randomly
change states based on input pin leakage currents
and loading. Because the LCAS state after power-up
can not be predicted with this start up condition it
should never be utilized.
On designs that do not wish to individually control the
LATCH pins of multi-port cards it is possible to bus
many (or all) of the LATCH pins together to create a
single board level input enable control.
2.6 VBAT Pin
2.6.1 Protection
2.6.2 Battery Voltage Monitor
The CPC7695 also uses the VBAT pin to monitor
battery voltage. If the system battery voltage is lost,
the CPC7695 immediately enters the All-Off state. It
remains in this state until the system battery voltage is
restored. The device also enters the All-Off state if the
battery voltage rises more positive than about –10V
and remains in the All-Off state until the battery
voltage drops below –15 V. This battery monitor
feature draws a small current from the battery (less
than 1
A typical) and will add slightly to the device’s
overall power dissipation.
This monitor function performs properly if the
CPC7695 and SLIC share a common battery supply
origin. Otherwise, if battery is lost to the CPC7695 but
not to the SLIC, the VBAT pin will be internally biased
by the potential applied to the TBAT or RBAT pins via
the internal protection circuitry’s SCR trigger current
path.
2.7 Ringing To Talk State Switch Timing
The CPC7695 provides, when switching from the
Ringing state to theTalk state, the ability to control the
release timing of the ringing switches SW3 and SW4
relative to the state of the break switches SW1 and
SW2 using simple TTL logic-level inputs. The two
available techniques are referred to as
make-before-break and break-before-make operation.
When the switch contacts of SW1 and SW2 are closed
(made) before the ringing switch contacts of SW3 and
SW4 are opened (broken), this is referred to as
make-before-break operation. Break-before-make
operation occurs when the ringing contacts of SW3
and SW4 are opened (broken) before the switch
contacts of SW1 and SW2 are closed (made). With
the CPC7695, make-before-break and
break-before-make operations can easily be
accomplished by applying the proper sequence of
logic-level inputs to the device.
The logic sequences for either mode of operation are
given in “Operation Logic Table (Ringing to Talk Transition):
Make-Before-Break” on page 19, “Operation Logic Table
(Ringing to Talk Transition): Break-Before-Make” on page 19
and “Alternate Operation Logic Table (Ringing to Talk
Transition): Break-Before-Make” on page 20. Logic states
and explanations are shown in “Truth Tables” on
page 15.
2.7.1 Make-Before-Break Operation
To use make-before-break operation, change the logic
inputs from the Ringing state directly to theTalk state.
Application of theTalk state opens the ringing return
switch, SW3, as the break switches SW1 and SW2
close. The ringing switch, SW4, remains closed until
the next zero-crossing of the ringing current. While in
the make-before-break state, ringing potentials in
excess of the CPC7695 internal protection circuitry
thresholds will be diverted away from the SLIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com