| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP8390D bảng dữ liệu(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8390D bảng dữ liệu(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 56 page ![]() 90 Remote DMA (Continued) Remote DMA Autoinitialization from Buffer Ring TLF8582 – 59 100 Internal Registers All registers are 8-bit wide and mapped into two pages which are selected in the Command Register (PS0 PS1) Pins RA0 – RA3 are used to address registers within each page Page 0 registers are those registers which are com- monly accessed during NIC operation while page 1 registers are used primarily for initialization The registers are parti- tioned to avoid having to perform two writeread cycles to access commonly used registers 101 REGISTER ADDRESS MAPPING TLF8582 – 60 16 |