| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3700X bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3700X bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 89 page ![]() 53/89 ADE3700 Timing Controller (TCON) TCON_X_40 0x0BA8 R/W [7:0] 0x0 input selection for SRTD_20.A (Refer to Table 18 for definition) TCON_X_41 0x0BA9 R/W [7:0] 0x0 input selection for SRTD_20.B (Refer to Table 18 for definition) TCON_X_42 0x0BAA R/W [7:0] 0x0 input selection for SRTD_21.A (Refer to Table 18 for definition) TCON_X_43 0x0BAB R/W [7:0] 0x0 input selection for SRTD_21.B (Refer to Table 18 for definition) TCON_X_44 0x0BAC R/W [7:0] 0x0 input selection for SRTD_22.A (Refer to Table 18 for definition) TCON_X_45 0x0BAD R/W [7:0] 0x0 input selection for SRTD_22.B (Refer to Table 18 for definition) TCON_X_46 0x0BAE R/W [7:0] 0x0 input selection for SRTD_23.A (Refer to Table 18 for definition) TCON_X_47 0x0BAF R/W [7:0] 0x0 input selection for SRTD_23.B (Refer to Table 18 for definition) TCON_X_48 0x0BB0 R/W [7:0] 0x0 input selection for SRTD_24.A (Refer to Table 18 for definition) TCON_X_49 0x0BB1 R/W [7:0] 0x0 input selection for SRTD_24.B (Refer to Table 18 for definition) TCON_X_50 0x0BB2 R/W [7:0] 0x0 input selection for SRTD_25.A (Refer to Table 18 for definition) TCON_X_51 0x0BB3 R/W [7:0] 0x0 input selection for SRTD_25.B (Refer to Table 18 for definition) TCON_X_52 0x0BB4 R/W [7:0] 0x0 input selection for SRTD_26.A (Refer to Table 18 for definition) TCON_X_53 0x0BB5 R/W [7:0] 0x0 input selection for SRTD_26.B (Refer to Table 18 for definition) TCON_X_54 0x0BB6 R/W [7:0] 0x0 input selection for SRTD_27.A (Refer to Table 18 for definition) TCON_X_55 0x0BB7 R/W [7:0] 0x0 input selection for SRTD_27.B (Refer to Table 18 for definition) TCON_X_56 0x0BB8 R/W [7:0] 0x0 input selection for SRTD_28.A (Refer to Table 18 for definition) TCON_X_57 0x0BB9 R/W [7:0] 0x0 input selection for SRTD_28.B (Refer to Table 18 for definition) TCON_X_58 0x0BBA R/W [7:0] 0x0 input selection for SRTD_29.A (Refer to Table 18 for definition) TCON_X_59 0x0BBB R/W [7:0] 0x0 input selection for SRTD_29.B (Refer to Table 18 for definition) TCON_X_60 0x0BBC R/W [7:0] 0x0 input selection for SRTD_30.A (Refer to Table 18 for definition) TCON_X_61 0x0BBD R/W [7:0] 0x0 input selection for SRTD_30.B (Refer to Table 18 for definition) Table 17: TCON Registers (Sheet 6 of 7) Register Name Addr. Mode Bits Default Description |