| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE3700X bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3700X bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 89 page ![]() Timing Controller (TCON) ADE3700 50/89 TCON_COMP_27_L 0x0B46 R/W [7:0] 0x0 Refer to TCON_COMP_0 for definition TCON_COMP_27_H 0x0B47 R/W [7:0] 0x0 TCON_SRTD_0 0x0B50 [7:4] 0x0 Reserved R/W [3] 0x0 SRTD initialization state R/W [2:0] 0x0 0x0: f (A&B,&C&D,0,0) 0x1: f (A&B,&C&D,0,0) 0x2: f (A&B,&C&D,0,0) 0x3: f (0,0,A&B,0) 0x4: f (0,0,0,A&B) 0x5: f (0,0,0,A|B) 0x6: f (0,0,0,A^B) 0x7: f (0,0,0,!(A&B)) where f(Set, Reset, Toggle, Dflop) is a programmable logic/flop element TCON_SRTD_1 0x0B51 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_2 0x0B52 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_3 0x0B53 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_4 0x0B54 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_5 0x0B55 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_6 0x0B56 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_7 0x0B57 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_8 0x0B58 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_9 0x0B59 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_10 0x0B5A R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_11 0x0B5B R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_12 0x0B5C R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_13 0x0B5D R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_14 0x0B5E R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_15 0x0B5F R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_16 0x0B60 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_17 0x0B61 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_18 0x0B62 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_19 0x0B63 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_20 0x0B64 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_21 0x0B65 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_22 0x0B66 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_23 0x0B67 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_24 0x0B68 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. TCON_SRTD_25 0x0B69 R/W [7:0] 0x0 Refer to TCON_SRTD_0 for definition. Table 17: TCON Registers (Sheet 3 of 7) Register Name Addr. Mode Bits Default Description |