công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83902AV bảng dữ liệu(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83902AV
Giải thích chi tiết về linh kiện  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV bảng dữ liệu(HTML) 62 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 58Page - National Semiconductor (TI) DP83902AV Datasheet HTML 59Page - National Semiconductor (TI) DP83902AV Datasheet HTML 60Page - National Semiconductor (TI) DP83902AV Datasheet HTML 61Page - National Semiconductor (TI) DP83902AV Datasheet HTML 62Page - National Semiconductor (TI) DP83902AV Datasheet HTML 63Page - National Semiconductor (TI) DP83902AV Datasheet HTML 64Page - National Semiconductor (TI) DP83902AV Datasheet HTML 65Page - National Semiconductor (TI) DP83902AV Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
Remote DMA (Read Send Command) Recovery Time
TLF11157 – 43
Symbol
Parameter
Min
Max
Units
bpwrl
Bus Clock to Port Write Low
43
ns
bpwrh
Bus Clock to Port Write High
40
ns
prqh
Port Write High to Port Request High (Note 1)
30
ns
prql
Port Request Low from Read Acknowledge High
60
ns
rakw
Remote Acknowledge Read Strobe Pulse Width
20
ns
rhpwh
Read Acknowledge High to Next Port Write Cycle
11
BSCK
(Notes 2 3 4)
Note 1
Start of next transfer is dependent on where RACK is generated relative to BSCK and whether or not a local DMA is pending
Note 2
This is not a measured value but guaranteed by design
Note 3
RACK must be high for a minimum of 7 BSCK
Note 4
Assumes no local DMA interleave no CS and immediate BACK
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com