| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83902AV bảng dữ liệu(PDF) 43 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83902AV bảng dữ liệu(HTML) 43 Page - National Semiconductor (TI) |
|
43 / 70 page ![]() 130 Bus Arbitration and Timing (Continued) When in 32-bit mode four additional BSCK cycles are re- quired per burst The first bus cycle (T1 –T4 ) of each burst is used to output the upper 16-bit addresses This 16-bit address is programmed in RSAR0 and RSAR1 and points to a 64k page of system memory All transmitted or received packets are constrained to reside within this 64k page FIFO BURST CONTROL All Local DMA transfers are burst transfers once the DMA requests the bus and the bus is acknowledged the DMA will transfer an exact burst of bytes programmed in the Data Configuration Register (DCR) then relinquish the bus If there are remaining bytes in the FIFO the next burst will not be initiated until the FIFO threshold is exceeded If BACK is removed during the transfer the burst transfer will be abort- ed (DROPPING BACK DURING A DMA CYCLE IS NOT RECOMMENDED) TLF11157 – 26 where N e 1 2 4 or 6 Words or N e 2 4 8 or 12 Bytes when in byte mode INTERLEAVED LOCAL OPERATION If a remote DMA transfer is initiated or in progress when a packet is being received or transmitted the Remote DMA transfer will be interrupted for higher priority Local DMA transfers When the Local DMA transfer is completed the Remote DMA will rearbitrate for the bus and continue its transfers This is illustrated below TLF11157 – 27 Note that if the FIFO requires service while a remote DMA is in progress BREQ is not dropped and the Local DMA burst is appended to the Remote Transfer When switching from a local transfer to a remote transfer however BREQ is dropped and raised again This allows the CPU or other devices to fairly contend for the bus FIFO AND BUS OPERATIONS Overview To accommodate the different rates at which data comes from (or goes to) the network and goes to (or comes from) the system memory the ST-NIC contains a 16-byte FIFO for buffering data between the bus and the media The FIFO threshold is programmable allowing filling (or emptying) the FIFO at different rates When the FIFO has filled to its pro- grammed threshold the local DMA channel transfers these bytes (or words) into local memory It is crucial that the local DMA is given access to the bus within a minimum bus laten- cy time otherwise a FIFO underrun (or overrun) occurs To understand FIFO underruns or overruns there are two causes which produce this condition 1 the bus latency is so long that the FIFO has filled (or emptied) from the network before the local DMA has serviced the FIFO 2 the bus latency or bus data rate has slowed the through- put of the local DMA to a point where it is slower than the network data rate (10 Mbs) This second condition is also dependent upon DMA clock and word width (byte wide or word wide) The worst case condition ultimately limits the overall bus latency which the ST-NIC can tolerate FIFO Underrun and Transmit Enable During transmission if a FIFO underrun occurs the Trans- mit enable (TXE) output may remain high (active) Generally this will cause a very large packet to be transmitted onto the network The jabber feature of the transceiver will terminate the transmission and reset TXE To prevent this problem a properly designed system will not allow FIFO underruns by giving the ST-NIC a bus acknowl- edge within time shown in the maximum bus latency curves shown and described later FIFO at the Beginning of Receive At the beginning of reception the ST-NIC stores entire Ad- dress field of each incoming packet in the FIFO to deter- 43 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |