công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83902AV bảng dữ liệu(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83902AV
Giải thích chi tiết về linh kiện  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV bảng dữ liệu(HTML) 60 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 56Page - National Semiconductor (TI) DP83902AV Datasheet HTML 57Page - National Semiconductor (TI) DP83902AV Datasheet HTML 58Page - National Semiconductor (TI) DP83902AV Datasheet HTML 59Page - National Semiconductor (TI) DP83902AV Datasheet HTML 60Page - National Semiconductor (TI) DP83902AV Datasheet HTML 61Page - National Semiconductor (TI) DP83902AV Datasheet HTML 62Page - National Semiconductor (TI) DP83902AV Datasheet HTML 63Page - National Semiconductor (TI) DP83902AV Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
Wait State Insertion
TLF11157 – 41
Symbol
Parameter
Min
Max
Units
ews
External Wait Setup to T3 0Clock (Note 1)
10
ns
ewr
External Wait Release Time (Note 1)
15
ns
Note 1
The addition of wait states affects the count of deserialized bytes and is limited to a number of bus clock cycles depending on the bus clock and network
rates The allowable wait states are found in the table below (Assumes 10 Mbitsec data rate)
BSCK (MHz)
Max
of Wait States
Byte Transfer
Word Transfer
80
1
10
0
1
12
1
2
14
1
2
16
1
3
18
2
3
20
2
4
Table assumes 10 MHz network clock
The number of allowable wait states in byte mode can be
calculated using
W(byte mode) e
 8tnw
45 tbsck
b
1
J
W
e
Number of Wait States
tnw
e
Network Clock Period
tbsck
e
BSCK Period
The number of allowable wait states in word mode can be
calculated using
W(word mode) e
 5tnw
2 tbsck
b
1
J
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com