| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83847 bảng dữ liệu(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83847 bảng dữ liệu(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 60 page ![]() 19 www.national.com Table 5. 4B5B Code-Group Encoding/Decoding Name PCS 5B Code-group MII 4B Nibble Code DATA CODES 0 11110 0000 1 01001 0001 2 10100 0010 3 10101 0011 4 01010 0100 5 01011 0101 6 01110 0110 7 01111 0111 8 10010 1000 9 10011 1001 A 10110 1010 B 10111 1011 C 11010 1100 D 11011 1101 E 11100 1110 F 11101 1111 IDLE AND CONTROL CODES H 00100 HALT code-group - Error code I 11111 Inter-Packet IDLE - 0000 (Note 1) J 11000 First Start of Packet - 0101 (Note 1) K 10001 Second Start of Packet - 0101 (Note 1) T 01101 First End of Packet - 0000 (Note 1) R 00111 Second End of Packet - 0000 (Note 1) INVALID CODES V 00000 V 00001 V 00010 V 00011 V 00101 V 00110 V 01000 V 01100 V 10000 V 11001 Note 1: Control code-groups I, J, K, T and R in data fields will be mapped as invalid codes, together with RX_ER asserted. |