| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83847 bảng dữ liệu(PDF) 40 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83847 bảng dữ liệu(HTML) 40 Page - National Semiconductor (TI) |
|
40 / 60 page ![]() 40 www.national.com 7Unused 0,RO 6 RESERVED 0 RESERVED: Must be zero. 5 FORCE_100_OK 0, RW Force 100Mb/s Good Link: 1 = Forces 100Mb/s Good Link. 0 = Normal 100Mb/s operation. 4 RESERVED 0 RESERVED: Must be zero. 3 RESERVED 0 RESERVED: Must be zero. 2 NRZI_BYPASS 0, RW NRZI Bypass Enable: 1 = NRZI Bypass Enabled. 0 = NRZI Bypass Disabled. 1 SCRAM_BYPASS 0, RW Scrambler Bypass Enable: 1 = Scrambler Bypass Enabled. 0 = Scrambler Bypass Disabled. 0 DESCRAM_BYPASS 0, RW Descrambler Bypass Enable: 1 = Descrambler Bypass Enabled. 0 = Descrambler Bypass Disabled. Table 20. Reserved Registers, addresses 0x17, 0x18 Bit Bit Name Default Description 15:0 RESERVED none, RW RESERVED: Must not be written to during normal operation. Table 19. 100 Mb/s PCS Configuration and Status Register (PCSR), address 0x16 (Continued) Bit Bit Name Default Description |