| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83266 bảng dữ liệu(PDF) 143 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266 bảng dữ liệu(HTML) 143 Page - National Semiconductor (TI) |
|
143 / 152 page ![]() 90 Electrical Characteristics (Continued) AC Characteristics for the Clock Interface Signals Symbol Parameter Min Typ Max Units T51 LBC1 to LBC3 Lead Time 13 19 ns T52A LBC1 to LBC5 Lead Time 29 35 ns T52B LBC5 Rising to LBC1 Falling Lead Time 5 8 12 ns T53 LBC1 LBC3 and LBC5 Period 80 ns T54 LBC1 LBC3 and LBC5 Pulse Width High 35 45 ns T55 LBC1 LBC3 and LBC5 Pulse Width Low 35 45 ns T56 LSC to LBC1 Lead Time (Skew Left) b 36 ns T57 LSC Pulse Width High 12 ns T58 LSC Pulse Width Low 21 ns Note that the capacitive loading on PLAYERa LSC output must not exceed the loading on the LBC1 output TLF11705 – 22 FIGURE 9-5 Clock Interface Timing Diagram 143 |