| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2264CD bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2264CD bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 59 page ![]() TLC226x, TLC226xA Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2262Q/M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2262Q, TLC2262M TLC2262AQ, TLC2262AM UNIT A MIN TYP MAX MIN TYP MAX VIO Input offset voltage 25 °C 300 2500 300 950 µV VIO Input offset voltage Full range 3000 1500 µV αVIO Temperature coefficient of input offset voltage Full range 5 5 µV/°C Input offset voltage long- term drift (see Note 4) VIC = 0, RS = 50 Ω VO = 0, 25 °C 0.003 0.003 µV/mo IIO Input offset current 25 °C 0.5 0.5 pA IIO Input offset current 125 °C 800 800 pA IIB Input bias current 25 °C 1 1 pA IIB Input bias current 125 °C 800 800 pA VICR Common-mode input RS =50 Ω |VIO|≤ 5mV 25 °C – 5 to 4 – 5.3 to 4 – 5 to 4 – 5.3 to 4.2 V VICR voltage range RS = 50 Ω, |VIO| ≤ 5 mV Full range – 5 to 3.5 – 5 to 3.5 V IO = – 20 µA 25 °C 4.99 4.99 Maximum positive peak IO = 100 µA 25 °C 4.85 4.94 4.85 4.94 VOM + Maximum positive peak output voltage IO = – 100 µA Full range 4.82 4.82 V out ut voltage IO = 400 µA 25 °C 4.7 4.85 4.7 4.85 IO = – 400 µA Full range 4.5 4.5 VIC = 0, IO = 50 µA 25 °C – 4.99 – 4.99 Maximum negative peak VIC =0 IO = 500 µA 25 °C – 4.85 – 4.91 – 4.85 – 4.91 VOM – Maximum negative peak output voltage VIC = 0, IO = 500 µA Full range – 4.85 – 4.85 V out ut voltage VIC =0 IO =4 mA 25 °C – 4 – 4.3 – 4 – 4.3 VIC = 0, IO = 4 mA Full range – 3.8 – 3.8 Large signal differential RL =50kΩ 25 °C 80 200 80 200 AVD Large-signal differential voltage amplification VO = ± 4 V RL = 50 kΩ Full range 50 50 V/mV voltage am lification RL = 1 MΩ 25 °C 1000 1000 ri(d) Differential input resistance 25 °C 1012 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, P package 25 °C 8 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 220 220 Ω CMRR Common-mode VIC = – 5 V to 2.7 V, 25 °C 75 88 75 88 dB CMRR rejection ratio IC VO = 0, RS = 50 Ω Full range 75 75 dB kSVR Supply-voltage rejection VDD = 4.4 V to 16 V, 25 °C 80 95 80 95 dB kSVR yg j ratio ( ∆VDD± /∆VIO) DD VIC = VDD /2, No load Full range 80 80 dB IDD Supply current VO =0 No load 25 °C 425 500 425 500 µA IDD Supply current VO = 0, No load Full range 500 500 µA † Full range is – 40 °C to 125°C for Q suffix, – 55°C to 125°C for M suffix. NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |