công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NHS035C bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp

tên linh kiện NHS035C
Giải thích chi tiết về linh kiện  INTELLIGENT POWER DEVICE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS035C bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp

Back Button NHS035C Datasheet HTML 22Page - Renesas Technology Corp NHS035C Datasheet HTML 23Page - Renesas Technology Corp NHS035C Datasheet HTML 24Page - Renesas Technology Corp NHS035C Datasheet HTML 25Page - Renesas Technology Corp NHS035C Datasheet HTML 26Page - Renesas Technology Corp NHS035C Datasheet HTML 27Page - Renesas Technology Corp NHS035C Datasheet HTML 28Page - Renesas Technology Corp NHS035C Datasheet HTML 29Page - Renesas Technology Corp NHS035C Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
µ
PD166028T1K Datasheet
3. Specification
R07DS1162EJ0200 Rev.2.00
Page 26 of 40
May 22, 2015
Current sense output
The device output analog feedback current proportional to output current from IS pin. In the case of much higher
current than nominal load current, current sense output is saturated. In the case of much lower current than nominal load
current, current sense output is above 5µA if output current is above IL(CSE) max, current sense output is below 2µA,
IIS,offset max, if output current is below IL(CSE) min.
Sense current under fault condition
The device output IIS,fault, constant current, from IS pin under fault condition such as after over current detection,
during power limitation and during thermal toggling. IIS,fault is specified with RIS=1kΩ condition. IIS,fault is
attenuated depends on VCC-VIS voltage. Operation point as IIS,fault output is also depends on RIS condition. For
example, In the case of RIS=1kΩ, IIS,fault could be 3.5mA to 9mA, VCC-VIS could be 4.5V to 10V, VIS could be 9V
to 3.5V if VCC=13.5V. In the case of RIS is higher than 1kΩ, Operation point as IIS,fault is lower than specified value
but VIS should be higher than RIS=1kΩ condition.
VCC-VIS
VCC
IS
RIS
GND
VCC-VIS
VIS
VCC
IIS,fault
1kΩ load line
9mA
3.5mA
VCC
VCC-VIS
VIS
IL
IIS,offset
KILIS=IL/IIS
IIS
IL(CSE)
2µA
5µA
IL
IIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com