công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NHS035C bảng dữ liệu(PDF) 40 Page - Renesas Technology Corp

tên linh kiện NHS035C
Giải thích chi tiết về linh kiện  INTELLIGENT POWER DEVICE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS035C bảng dữ liệu(HTML) 40 Page - Renesas Technology Corp

Back Button NHS035C Datasheet HTML 34Page - Renesas Technology Corp NHS035C Datasheet HTML 35Page - Renesas Technology Corp NHS035C Datasheet HTML 36Page - Renesas Technology Corp NHS035C Datasheet HTML 37Page - Renesas Technology Corp NHS035C Datasheet HTML 38Page - Renesas Technology Corp NHS035C Datasheet HTML 39Page - Renesas Technology Corp NHS035C Datasheet HTML 40Page - Renesas Technology Corp NHS035C Datasheet HTML 41Page - Renesas Technology Corp NHS035C Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
µ
PD166028T1K Datasheet
6. Application example in principle
R07DS1162EJ0200 Rev.2.00
Page 40 of 40
May 22, 2015
6. Application example in principle
RIN, RSEN, RAN values are in range of 2k to 50kΩ depending microcontroller while R_L value is typically 4kΩ.
If necessary to raise HBM tolerated dose, adding resister between OUT terminal and Ground is effective. Resister’s
value is typically 100kΩ
GND Network recommendation
RGND
Vbat
VCC
GND
VCC
GND
Vbat
In case of V_loaddump < 35V
In case of 35V < V_loaddump < 42V
External diode is recommended in order to
prevent reverse current toward control logic
part at reverse battery condition.
Note: If other component is installed to prevent reverse current at reverse battery condition,
diode is not required in GND Network.
Note: Approx. 1kΩ additional resistor in parallel with the diode is recommended if Vf vaule of
the diode is high.
External diode and resistor are recommended
in order to prevent reverse current toward
control logic part at reverse battery condition
and limit the current through ZDAZ at load
dump condition. 100Ω is recommended as
RGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com