| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NHS035C bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NHS035C bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 42 page ![]() µ PD166028T1K Datasheet 3. Specification R07DS1162EJ0200 Rev.2.00 Page 14 of 40 May 22, 2015 3.6.5 Short circuit protection Turn-on in an over load condition including short circuit condition The device shuts down automatically when condition (a) is detected. The sense pin output Iis,fault. Shutdown is latched until the next reset via input pin. The device shuts down automatically when condition (b) is detected. The device restarts automatically when device cooling to dTch,restart. The output current is limited by output power MOSFET saturation current. The device shuts down automatically when condition (c) is detected and restarts automatically in absolute thermal toggling mode. The sense pin output Iis,fault during power limitation mode or thermal toggling mode. In case of device shutdown by (c) detection but also (b) condition, the output current is limited by IL(CL). (a) IL > IL(SC) (b) deltaTch > dTth (c) Tch > aTth Over load condition including short circuit condition during on-state The device runs automatically into power limitation mode when condition (a) is detected once after Von < Von(CL2). The device shuts down automatically when condition (b) is detected. The device restarts automatically in power limitation mode. The device shuts down automatically when condition (c) is detected and restarts automatically in absolute thermal toggling mode. The sense pin output Iis,fault during power limitation mode or thermal toggling mode. (a) Von > Von(CL2) (b) deltaTch > dTth (c) Tch > aTth Power limitation control Current limitation control with IL(CL) when auto restart from deltaTch protection. During the current limitation operation and Von>Von(CL1), the sense pin outputs Iis,fault. Even auto restart from delta Tch protection, if Von<Von(CL2) depends on short circuit impedance condition, the device does not operate as current limitation with IL(CL). In this case, the sense pin output sense current at on-state, Iis,fault at off-state during toggling operation with power limitation mode. Absolute thermal toggling Current limitation control with IL(TT) when auto restart from absolute Tch protection. During the current limitation operation and Von>Von(CL1), the sense pin outputs Iis,fault. Even auto restart from absolute Tch protection, if Von<Von(CL2) depends on short circuit impedance condition, the device does not operate as current limitation with IL(TT). In this case, the sense pin output sense current at on-state, Iis,fault at off-state during toggling operation with thermal toggling mode. delta Tch Junction temperature differences between thermal sensor of power area and thermal sensor of control area. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |