| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B360R bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B360R bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor |
|
14 / 166 page ![]() Document Number: 002-04872 Rev.*A Page 14 of 166 MB9B360R Series BGA-144P-M09 (TOP VIEW) Note: The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. 1 2 3 4 5 6 7 8 9 10 11 12 13 A VSS UDP0 UDM0 USBVCC VSS P66 VSS VSS AN21 VSS P0C VCC VSS B VCC VSS P60 P61 P63 P67 TCK/ SWCLK TDO/ SWO AN20 P0B VSS VSS P0E C P50 P51 VSS P62 P64 P68 TDI AN23 AN19 P0D VSS AN18 VSS D P52 P53 P54 VSS P65 TRSTX TMS/ SWDIO AN22 P0A VSS AN17 AN16 AN15 E P55 P56 P57 P58 P24 P25 P26 P27 F P59 P5A P5B P30 P1F AN14 AN13 AN12 G P31 P32 P33 P34 AN11 AN10 AN09 AVRH H P35 P36 P37 P38 AN08 AN07 AN06 AVRL J P39 P3A P3B P3C AN05 AN04 AN03 AVSS K VSS P3D P3E VSS P45 P49 P4C P70 P72 VSS AN02 AN01 AVCC L P3F P41 VSS P44 VSS P48 P4B P4E P71 P74 VSS AN00 VSS M VCC VSS P43 VSS X1A VSS VSS VBAT C VSS P4D VCC VSS N VSS P40 P42 INITX X0A MD1 X0 X1 VSS VCC P73 MD0 VSS index |