| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B360R bảng dữ liệu(PDF) 11 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B360R bảng dữ liệu(HTML) 11 Page - Cypress Semiconductor |
|
11 / 166 page ![]() Document Number: 002-04872 Rev.*A Page 11 of 166 MB9B360R Series FPT-120P-M37 (TOP VIEW) Note: The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. VCC 1 90 VSS P50/CTS4_0/AIN0_2/RTO10_0/INT00_0/MADATA00_0 2 89 P20/AN18/AIN1_1/INT05_0/MAD24_0 P51/RTS4_0/BIN0_2/RTO11_0/INT01_0/MADATA01_0 3 88 P21/AN17/SIN0_0/BIN1_1/INT06_1/MAD23_0 P52/SCK4_0/ZIN0_2/RTO12_0/MADATA02_0 4 87 P22/CROUT_0/AN16/TIOB7_1/SOT0_0/ZIN1_1 P53/TIOA1_2/SOT4_0/RTO13_0/MADATA03_0 5 86 P23/AN15/TIOA7_1/SCK0_0/RTO00_1/MAD22_0 P54/TIOB1_2/SIN4_0/RTO14_0/INT02_0/MADATA04_0 6 85 P24/SIN2_1/RTO01_1/INT01_2 P55/ADTG_1/SIN6_0/RTO15_0/INT07_2/MADATA05_0 7 84 P25/TIOA5_0/SOT2_1/RTO02_1 P56/SOT6_0/DTTI1X_0/INT08_2/MADATA06_0 8 83 P26/TIOB5_0/SCK2_1/RTO03_1 P57/SCK6_0/MADATA07_0 9 82 P27/TIOA6_2/RTO04_1/INT02_2 P58/SIN4_2/AIN1_0/INT04_2/MADATA08_0 10 81 P1F/ADTG_4/TIOB6_2/RTO05_1 P59/SOT4_2/BIN1_0/INT07_1/MADATA09_0 11 80 P1E/AN14/ADTG_5/FRCK0_1/MAD21_0 P5A/SCK4_2/ZIN1_0/MADATA10_0 12 79 P1D/AN13/RTS4_1/DTTI0X_1/MAD20_0 P5B/CTS4_2/MADATA11_0 13 78 P1C/AN12/CTS4_1/IC03_1/MAD19_0 P30/TIOB0_1/RTS4_2/INT15_2/WKUP1/MADATA12_0 14 77 P1B/AN11/SCK4_1/IC02_1/MAD18_0 P31/TIOB1_1/SIN3_1/INT09_2/MADATA13_0 15 76 P1A/AN10/SOT4_1/IC01_1/MAD17_0 P32/TIOB2_1/SOT3_1/INT10_1/MADATA14_0 16 75 P19/AN09/SIN4_1/IC00_1/INT05_1/MAD16_0 P33/ADTG_6/TIOB3_1/SCK3_1/INT04_0/MADATA15_0 17 74 P18/AN08/SCK2_2/MAD15_0 P34/TIOB4_1/FRCK0_0/MNALE_0 18 73 AVRH P35/TIOB5_1/IC03_0/INT08_1/MNCLE_0 19 72 AVRL P36/SIN5_2/IC02_0/INT09_1/MNWEX_0 20 71 AVSS P37/SOT5_2/IC01_0/INT05_2/MNREX_0 21 70 AVCC P38/SCK5_2/IC00_0/INT06_2 22 69 P17/AN07/SOT2_2/WKUP3/MAD14_0 P39/ADTG_2/DTTI0X_0/RTCCO_2/SUBOUT_2/MSDCLK_0 23 68 P16/AN06/SIN2_2/INT14_1/MAD13_0 P3A/TIOA0_1/AIN0_0/RTO00_0/MSDCKE_0 24 67 P15/AN05/SCK0_1/MAD12_0 P3B/TIOA1_1/BIN0_0/RTO01_0/MRASX_0 25 66 P14/AN04/SOT0_1/IC03_2/MAD11_0 P3C/TIOA2_1/ZIN0_0/RTO02_0/MCASX_0 26 65 P13/AN03/SIN0_1/IC02_2/INT03_1/MAD10_0 P3D/TIOA3_1/RTO03_0/MAD00_0 27 64 P12/AN02/SCK1_1/IC01_2/RTCCO_1/SUBOUT_1/MAD09_0 P3E/TIOA4_1/RTO04_0/MAD01_0 28 63 P11/AN01/SOT1_1/IC00_2/MAD08_0 P3F/TIOA5_1/RTO05_0/MAD02_0 29 62 P10/AN00/SIN1_1/FRCK0_2/INT02_1/MAD07_0 VSS 30 61 VCC LQFP - 120 |