| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SBS4-LED3 bảng dữ liệu(PDF) 133 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
SBS4-LED3 bảng dữ liệu(HTML) 133 Page - Lumberg |
|
133 / 178 page ![]() www.lumberg-automationusa.com 1-717-217-2299 133 Interbus Interbus-Devices, 8 IN | 16 IN | 8 OUT Interbus FWD 5 FWD 5 FWD 5 FWD 5 FWD 5 0950 ISL 205 0950 ISL 202 0950 ISL 204 0950 ISL 201 0950 ISL 207 Part No. 0950 ISL 205 Part No. 0950 ISL 202 Part No. 0950 ISL 204 Part No. 0950 ISL 201 Part No. 0950 ISL 207 8 IN Interbus-Device: Remote Bus Terminal with Integrated Branch for an Installation Remote Bus and 8-Digital- Inputs to Connect Standard Sensors, M12-Sockets and M23-Bus Connection. 8 IN Interbus-Device: Installation Remote Bus with 8-Digital-Inputs to Connect Standard Sensors, M12- Sockets and M23-Bus Connection. 16 IN Interbus-Device: Installation Remote Bus with 16-Digital-Inputs to Connect Standard Sensors, M12- Sockets and M23-Bus Connection. 8 OUT Interbus-Device: Installation Remote Bus with 8-Digital-Outputs to Connect Standard Actuators, M12-Sockets and M23-Bus Connection. 8 OUT Interbus-Device: Installation Remote Bus with 8-Digital-Outputs (2 A) to Connect Standard Actuators without Actuator Low Voltage Report, M12-Sockets and M23-Bus Connection. |